Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBHL02 Datasheet(PDF) 2 Page - Analog Devices

Part # STBHL02
Description  Analog Signal Conditioning Panels
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

STBHL02 Datasheet(HTML) 2 Page - Analog Devices

  STBHL02_15 Datasheet HTML 1Page - Analog Devices STBHL02_15 Datasheet HTML 2Page - Analog Devices STBHL02_15 Datasheet HTML 3Page - Analog Devices STBHL02_15 Datasheet HTML 4Page - Analog Devices STBHL02_15 Datasheet HTML 5Page - Analog Devices STBHL02_15 Datasheet HTML 6Page - Analog Devices STBHL02_15 Datasheet HTML 7Page - Analog Devices STBHL02_15 Datasheet HTML 8Page - Analog Devices STBHL02_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
5B02, STB-TCI, STB-HLI, STB-TC, STB-HL02, STB-AOT
–2–
REV. A
5B02
The 5B02 panel provides 16 sockets for 5B Series signal condi-
tioning modules. The 5B Series provides isolated signal condi-
tioning for thermocouples, RTDs, low and high level voltage
inputs, current inputs and outputs, and strain gage inputs. A
nonisolated voltage switch input is also available. A list of the
different 5B Series modules that the RTI-820 supports is shown
to the right. See the 5B Series modules data sheet for more
detailed specifications. With the 5B02 and the 5B Series mod-
ules, any combination of the various inputs and outputs can be
used on one panel, providing the most flexible analog I/O solution.
The 5B02 panel consists of sockets and screw terminals for
sixteen 5B Series modules. Cold junction compensation for each
module socket is provided for thermocouple modules. The
panel contains the necessary decoding circuitry to address each
position as an input or an output. A rack mount (AC1363) may
be ordered separately. A diagram of the rack mount is shown at
the end of the data sheet, and a functional diagram of the panel
is shown in Figure 1.
When high performance, isolation and modularity of I/O are
required, the 5B Series modules and the 5B02 are the best solu-
tion for data acquisition applications.
5B Series Signal Conditioning Modules
Model
Description
5B30
Isolated Millivolt Input
5B31
Isolated Volt Input
5B32
Isolated Current Input
5B34
Isolated RTD Input
5B35
Isolated 4-Wire RTD Input
5B36
Isolated Potentiometer Input
5B37
Isolated Thermocouple Input
5B47
Isolated Linearized Thermocouple Input
5B38
Isolated Strain Gage Input
5B39
Isolated Current Output
5B40
Isolated Wideband Millivolt Input
5B41
Isolated Wideband Volt Input
5B42
Isolated Loop-Powered Transmitter Input
AC1367
Nonisolated Voltage Switch Input
5B02–SPECIFICATIONS
For detailed specifications of the modules, see the 5B Series data sheet.
Number of Channels
16 (Using Input or Output
Plug-In Modules)
Channel-to-Channel Isolation
1500 V rms (Modules)
Input Voltage Protection
240 V rms (Modules)
Physical Dimensions
3.5"
× 17.4" × 3.2"
Operating Temperature Range
–40
°C to +85°C
FROM
CHANNEL
SELECT
LOGIC
4
4
ADDRESS
DECODERS
16
OUTPUT ENABLE
16
INPUT ENABLE
OUTPUT BUS
INPUT BUS
FROM DAC
TO A/D
CHANNEL
0
+5V
POWER
CHANNEL
1
CHANNEL
14
CHANNEL
15
Figure 1. 5B02 Block Diagram
OBSOLETE


Similar Part No. - STBHL02_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STB-1 ETC-STB-1 Datasheet
155Kb / 1P
   DO-35 Case
STB-2 ETC-STB-2 Datasheet
155Kb / 1P
   DO-35 Case
STB-3 ETC1-STB-3 Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
STB-4 ETC-STB-4 Datasheet
155Kb / 1P
   DO-35 Case
STB-567 ETC-STB-567 Datasheet
155Kb / 1P
   DO-35 Case
More results

Similar Description - STBHL02_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
logo
MORNSUN Science& Techno...
TF5134N MORNSUN-TF5134N_15 Datasheet
306Kb / 5P
   Signal conditioning modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com