Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71T024 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71T024
Description  LOW POWER 2V CMOS SRAM 1 MEG (128K x 8-BIT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71T024 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71T024 Datasheet HTML 1Page - Integrated Device Technology IDT71T024 Datasheet HTML 2Page - Integrated Device Technology IDT71T024 Datasheet HTML 3Page - Integrated Device Technology IDT71T024 Datasheet HTML 4Page - Integrated Device Technology IDT71T024 Datasheet HTML 5Page - Integrated Device Technology IDT71T024 Datasheet HTML 6Page - Integrated Device Technology IDT71T024 Datasheet HTML 7Page - Integrated Device Technology IDT71T024 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
INDUSTRIAL AND COMMERCIAL TEMPERATURE RANGES
MAY 1997
©1997 Integrated Device Technology, Inc.
DSC-3779/1
1
FEATURES:
• 128K x 8 Organization
• Wide Operating Voltage Range: 1.8V to 2.7V
• Speed Grades: 150ns, 200ns
• Low Operating Power: 11mA (max)
• Low Standby Power: 5
µA (max)
• Low-Voltage Data Retention: 1.5V (min)
• Available in 32-pin, 13.4mm x 8mm Type I TSOP pack-
age
DESCRIPTION:
The IDT71T024 is a 1,048,576-bit very low-power Static
RAM organized as 128K x 8. It is fabricated using IDT’s high-
reliability CMOS technology. This state-of-the-art technology,
combined with innovative circuit design techniques, provides
a cost-effective solution for low-power memory needs. It uses
a 6-transistor memory cell.
Operation is from a single extended-range 2.5V supply.
This extended supply range makes the device ideally suited
for unregulated battery-powered applications. Fully static
asynchronous circuitry is used, requiring no clocks or refresh
for operation.
The IDT71T024 is packaged in a JEDEC standard 32-pin
TSOP Type I.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
ADVANCE
INFORMATION
IDT71T024
LOW POWER 2V CMOS SRAM
1 MEG (128K x 8-BIT)
FUNCTIONAL BLOCK DIAGRAM
ADDRESS
DECODER
1,048,576-BIT
MEMORY ARRAY
I/O CONTROL
A0
A16
3779 drw 01
8
8
I/O0 – I/O7
8
CONTROL
LOGIC
WE
OE
CS1
CS2


Similar Part No. - IDT71T024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T016 IDT-IDT71T016 Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L150PH IDT-IDT71T016L150PH Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L150PHI IDT-IDT71T016L150PHI Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L200PH IDT-IDT71T016L200PH Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L200PHI IDT-IDT71T016L200PHI Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
More results

Similar Description - IDT71T024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71L024 IDT-IDT71L024 Datasheet
62Kb / 8P
   low power 3v cmos sram 1 meg (128k X 8-bit)
IDT71T016 IDT-IDT71T016 Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Lyontek Inc.
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com