Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD23N58 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MSD23N58
Description  N-Channel 60V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSD23N58 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MSD23N58 Datasheet HTML 1Page - Bruckewell Technology LTD MSD23N58 Datasheet HTML 2Page - Bruckewell Technology LTD MSD23N58 Datasheet HTML 3Page - Bruckewell Technology LTD MSD23N58 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary MSD23N58
N-Channel 60V (D-S) MOSFET
Publication Order Number: [MSD23N58]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
Qg
VDD = 30 V , ID = 2 A,
VGEN = 10 V , RL = 30 Ω
--
3.6
--
nC
Qgs
--
1.8
--
nC
Qgd
--
1.3
--
nC
Switching Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
td(on)
VDS = 300 V, ID = 2 A,
RG = 25 Ω
--
8
30
ns
tr
--
23
60
ns
td(off)
--
25
60
ns
tf
--
28
70
ns
Notes
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing.


Similar Part No. - MSD23N58

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD23N22 BWTECH-MSD23N22 Datasheet
528Kb / 6P
   N-Channel 30V (D-S) MOSFET
More results

Similar Description - MSD23N58

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2398NE ANALOGPOWER-AM2398NE Datasheet
183Kb / 3P
   N-Channel 60V (D-S) MOSFET
AM2358NE ANALOGPOWER-AM2358NE Datasheet
172Kb / 3P
   N-Channel 60V (D-S) MOSFET
logo
SHIKUES Electronics
SK10N06 SKTECHNOLGY-SK10N06 Datasheet
963Kb / 4P
   N-Channel 60V(D-S) MOSFET
logo
Analog Power
AM2398N ANALOGPOWER-AM2398N Datasheet
139Kb / 3P
   N-Channel 60V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBTA161K VBSEMI-VBTA161K Datasheet
720Kb / 8P
   N-Channel 60V (D-S) MOSFET
2N7002T. VBSEMI-2N7002T. Datasheet
1Mb / 8P
   N-Channel 60V (D-S) MOSFET
logo
Analog Power
AM3460N ANALOGPOWER-AM3460N Datasheet
115Kb / 3P
   N-Channel 60V (D-S) MOSFET
AM1360NE ANALOGPOWER-AM1360NE Datasheet
121Kb / 3P
   N-Channel 60V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VB5610N VBSEMI-VB5610N Datasheet
800Kb / 10P
   N- and P-Channel 60V (D-S) MOSFET
VB562K VBSEMI-VB562K Datasheet
765Kb / 10P
   N- and P-Channel 60V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com