Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7188L55DB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7188L55DB
Description  CMOS STATIC RAM 64K 16K x 4-BIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7188L55DB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT7188L55DB Datasheet HTML 1Page - Integrated Device Technology IDT7188L55DB Datasheet HTML 2Page - Integrated Device Technology IDT7188L55DB Datasheet HTML 3Page - Integrated Device Technology IDT7188L55DB Datasheet HTML 4Page - Integrated Device Technology IDT7188L55DB Datasheet HTML 5Page - Integrated Device Technology IDT7188L55DB Datasheet HTML 6Page - Integrated Device Technology IDT7188L55DB Datasheet HTML 7Page - Integrated Device Technology IDT7188L55DB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6.42
IDT7188S/L
CMOS Static RAM 64K (16K x 4-Bit)
Military Temperature Range
7
Timing Waveform of Write Cycle No. 2 (CS Controlled Timing)(1,2,3,5)
Ordering Information
NOTES:
1.
WE or CS must be HIGH during all address transitions.
2. A write occurs during the overlap (tWP) of a LOW
CS and a LOW WE.
3. tWR is measured from the earlier of
CS or WE going HIGH to the end of the write cycle.
4. During this period, I/O pins are in the output state so that the input signals should not be applied.
5. If the
CS LOW transition occurs simultaneously with or after the WE LOW transition, the outputs remain in the high-impedance state.
6. Transition is measured ±200mV from steady state.
CS
DATAIN
ADDRESS
WE
ttWR
2989 drw 09
tAW
tDW
tWC
tCW
tDH
tAS
DATA VALID
,
X
Power
XX
Speed
X
Package
X
Process/
Temperature
Range
B
Military (-55°C to +125°C)
Compliant to MIL-STD-883, Class B
D
300 mil Ceramic DIP (D22-1)
25
35
45
55
70
85
S
L
Standard Power
Low Power
7188
Speed in nanoseconds
2989 drw 10
Device
Type
,
IDT


Similar Part No. - IDT7188L55DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7187 IDT-IDT7187 Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L IDT-IDT7187L Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L25DB IDT-IDT7187L25DB Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L25L22B IDT-IDT7187L25L22B Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L35DB IDT-IDT7187L35DB Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
More results

Similar Description - IDT7188L55DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com