Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM3138 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM3138
Description  Low Dropout Current Source
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3138 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM3138 Datasheet HTML 1Page - SG Micro Corp SGM3138 Datasheet HTML 2Page - SG Micro Corp SGM3138 Datasheet HTML 3Page - SG Micro Corp SGM3138 Datasheet HTML 4Page - SG Micro Corp SGM3138 Datasheet HTML 5Page - SG Micro Corp SGM3138 Datasheet HTML 6Page - SG Micro Corp SGM3138 Datasheet HTML 7Page - SG Micro Corp SGM3138 Datasheet HTML 8Page - SG Micro Corp SGM3138 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
6-Channel Charge Pump White LED
SGM3138
Driver with Low Dropout Current Source
2
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
ORDER NUMBER
PACKAGE
DESCRIPTION
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
OPTION
MARKING
INFORMATION
SGM3138
SGM3138YTQ16G/TR
TQFN-3×3-16L
-40
℃ to +85℃
Tape and Reel, 3000
3138TQ
ABSOLUTE MAXIMUM RATINGS
VIN to GND……………………...……...….....….….. -0.3V to 6.0V
The Other Pins to GND…………………..……....….. -0.3V to VIN
Power Dissipation, PD @ TA = 25
TQFN-3×3-16L………………………………..…………..…1.47W
Storage Temperature Range...………….....…...-65
℃ to +150℃
Junction Temperature………………………..……………...150
Operating Temperature Range...…………...……-40
℃ to +85℃
Lead Temperature (Soldering 10 sec)
…………………………………..……………....….….…….. 260
ESD Susceptibility
HBM…………………………………………..….…………...2000V
MM………………………………………….…...………..……200V
NOTE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.


Similar Part No. - SGM3138

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3138 SGMICRO-SGM3138 Datasheet
2Mb / 11P
   6-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3138YTQ16G/TR SGMICRO-SGM3138YTQ16G/TR Datasheet
2Mb / 11P
   6-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3138 SGMICRO-SGM3138_16 Datasheet
2Mb / 11P
   6-Channel Charge Pump White LED Driver with Low Dropout Current Source
More results

Similar Description - SGM3138

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132 Datasheet
324Kb / 11P
   Ultra Low Dropout Current Source
SGM3139 SGMICRO-SGM3139 Datasheet
332Kb / 10P
   Ultra Low Dropout Current Source
SGM3131 SGMICRO-SGM3131 Datasheet
370Kb / 13P
   Driver with Low Dropout Current Source
SGM3142 SGMICRO-SGM3142 Datasheet
337Kb / 14P
   Driver with Low Dropout Current Source
SGM3146 SGMICRO-SGM3146 Datasheet
285Kb / 12P
   Driver with Low Dropout Current Source
logo
Richtek Technology Corp...
RT9300A RICHTEK-RT9300A_11 Datasheet
118Kb / 9P
   Tiny Package, Low Dropout Current Source
RT9300A RICHTEK-RT9300A Datasheet
97Kb / 7P
   Tiny Package, Low Dropout Current Source
logo
SG Micro Corp
SGM3133 SGMICRO-SGM3133 Datasheet
326Kb / 13P
   Driver with Low Dropout Current Source
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
   White LED Driver with Low Dropout Current Source
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301 Datasheet
67Kb / 6P
   Dual Low Dropout Voltage LED Driver/Current Source
July, 2006 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com