Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM3141 Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM3141
Description  Charge Pump LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3141 Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM3141 Datasheet HTML 6Page - SG Micro Corp SGM3141 Datasheet HTML 7Page - SG Micro Corp SGM3141 Datasheet HTML 8Page - SG Micro Corp SGM3141 Datasheet HTML 9Page - SG Micro Corp SGM3141 Datasheet HTML 10Page - SG Micro Corp SGM3141 Datasheet HTML 11Page - SG Micro Corp SGM3141 Datasheet HTML 12Page - SG Micro Corp SGM3141 Datasheet HTML 13Page - SG Micro Corp SGM3141 Datasheet HTML 14Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
700mA Buck/Boost
Charge Pump LED Driver
10
SGM3141
SG Micro Corp
www.sg-micro.com
Table 1. Resistor Values and Sizes
PART REFERENCE
VALUE
TOLERANCE
SIZE
MANUFACTURERS
RSET
68kΩ
5%
0402
any
RSET
75kΩ
5%
0402
any
RSET
82kΩ
5%
0402
any
RSET
91kΩ
5%
0402
any
RSET
100kΩ
5%
0402
any
RSET
110kΩ
5%
0402
any
RSET
120kΩ
5%
0402
any
RSET
130kΩ
5%
0402
any
RSET
140kΩ
5%
0402
any
RSET
150kΩ
5%
0402
any
RSENSE
0.22Ω
5%
0603
Panasonic or Vishay
RSENSE
0.27Ω
5%
0603
Panasonic or Vishay
RSENSE
0.33Ω
5%
0603
Panasonic or Vishay
RSENSE
0.39Ω
5%
0603
Panasonic or Vishay
RSENSE
0.47Ω
5%
0603
Panasonic or Vishay


Similar Part No. - SGM3141

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
More results

Similar Description - SGM3141

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
   Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com