Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM3725 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM3725
Description  38V Step-Up LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3725 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM3725 Datasheet HTML 4Page - SG Micro Corp SGM3725 Datasheet HTML 5Page - SG Micro Corp SGM3725 Datasheet HTML 6Page - SG Micro Corp SGM3725 Datasheet HTML 7Page - SG Micro Corp SGM3725 Datasheet HTML 8Page - SG Micro Corp SGM3725 Datasheet HTML 9Page - SG Micro Corp SGM3725 Datasheet HTML 10Page - SG Micro Corp SGM3725 Datasheet HTML 11Page - SG Micro Corp SGM3725 Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
38V Step-Up LED Driver
8
SGM3725
SG Micro Corp
www.sg-micro.com
FUNCTIONAL DESCRIPTION
The SGM3725 uses a constant-frequency current-mode
boost converter architecture to control the LED current by
regulating the feedback voltage. Please refer to the
Functional Block Diagram above for an explanation of
SGM3725 operation. The beginning of each cycle turns
on the Power MOSFET. A slope compensation ramp is
added to the output of the current sense amplifier and the
result is fed into the positive input of the comparator
(COMP). When this voltage goes above the output
voltage of the error amplifier (Gm), the Power MOSFET is
turned off. The voltage at the output of the Gm block
amplifies the difference between the reference voltage
and the feedback voltage (FB), so that FB voltage can be
regulated to the reference voltage.
The SGM3725 has built-in soft-start to limit the inrush
current during start-up and to limit the amount of
overshoot on the output. Protection features in the
SGM3725
include
over-voltage
protection
(OVP),
cycle-by-cycle current limit protection and thermal
shutdown. OVP protects in the event where an LED fails
open, which forces the feedback voltage to zero. This
causes the boost converter to operate in maximum duty
cycle mode, ramping up the output voltage. Switching will
stop when the output reaches the OVP threshold. The
OVP feature protects the IC from damaging itself by
exceeding the voltage rating on SW/VOUT pins.
The single wire control interface accepts a series of
pulses into the CTRL pin to program the reference
voltage. The number of rising edges is detected internally
and decoded as illustrated in Table 1. The register
contains 5-bits, yielding 32 different current levels. Using
the simplest control method, output current can be
toggled on and off between IMAX and 0mA, by pulling the
CTRL pin high or low. IMAX is programmed by the resistor
connected between FB and GND. Please see LED
Maximum Current Setting section in this document to
determine the proper resistor value. The next level of
control is achieved by injecting a series of pulses into the
CTRL pin to program the reference voltage at 32 levels.
The number of rising edges is detected internally and
decoded to the current level as illustrated in Table 1. The
reference voltage levels are evenly spaced among these
32 steps.
The first rising edge on the CTRL pin takes the current
level to maximum of 100% of IMAX. Then the current will
be changed with each additional qualified pulse. The
current stays unchanged as long as the CTRL pin stays
high.
Table 1. Current Setting
DATA
LED Current Ratio
DATA
LED Current Ratio
DATA
LED Current Ratio
DATA
LED Current Ratio
1
32/32
9
24/32
17
16/32
25
8/32
2
31/32
10
23/32
18
15/32
26
7/32
3
30/32
11
22/32
19
14/32
27
6/32
4
29/32
12
21/32
20
13/32
28
5/32
5
28/32
13
20/32
21
12/32
29
4/32
6
27/32
14
19/32
22
11/32
30
3/32
7
26/32
15
18/32
23
10/32
31
2/32
8
25/32
16
17/32
24
9/32
32
1/32


Similar Part No. - SGM3725

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3725 SGMICRO-SGM3725 Datasheet
1Mb / 13P
   38V Step-Up LED Driver
SGM3725YTN6G/TR-V1 SGMICRO-SGM3725YTN6G/TR-V1 Datasheet
1Mb / 13P
   38V Step-Up LED Driver
SGM3725 SGMICRO-SGM3725_16 Datasheet
1Mb / 13P
   38V Step-Up LED Driver
More results

Similar Description - SGM3725

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3725 SGMICRO-SGM3725_16 Datasheet
1Mb / 13P
   38V Step-Up LED Driver
SGM3735 SGMICRO-SGM3735 Datasheet
343Kb / 13P
   38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736 Datasheet
326Kb / 12P
   PWM Dimming, 38V Step-Up LED Driver
SGM3720 SGMICRO-SGM3720 Datasheet
319Kb / 12P
   PWM Dimming, 38V Step-Up LED Driver
SGM3732 SGMICRO-SGM3732 Datasheet
373Kb / 13P
   PWM Dimming, 38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736_15 Datasheet
691Kb / 11P
   PWM Dimming, 38V Step-Up LED Driver
SGM3720 SGMICRO-SGM3720_16 Datasheet
1Mb / 11P
   PWM Dimming, 38V Step-Up LED Driver
logo
Will Semiconductor Ltd.
WD3139 WILLSEMI-WD3139 Datasheet
1Mb / 13P
   High Efficiency, 38V Step-Up White LED Driver
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Will Semiconductor Ltd.
WD3171 WILLSEMI-WD3171 Datasheet
939Kb / 18P
   38V Step-Up Backlight White LED Driver with Flash Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com