Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM3799 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM3799
Description  DPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3799 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM3799 Datasheet HTML 1Page - SG Micro Corp SGM3799 Datasheet HTML 2Page - SG Micro Corp SGM3799 Datasheet HTML 3Page - SG Micro Corp SGM3799 Datasheet HTML 4Page - SG Micro Corp SGM3799 Datasheet HTML 5Page - SG Micro Corp SGM3799 Datasheet HTML 6Page - SG Micro Corp SGM3799 Datasheet HTML 7Page - SG Micro Corp SGM3799 Datasheet HTML 8Page - SG Micro Corp SGM3799 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
0.5Ω, Low Voltage
SGM3799
Dual, DPDT Analog Switch
4
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(V+ = +4.2V, GND = 0V, VIH = +1.6V, VIL = +0.5V, Full = -40
℃ to +85℃, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VNO, VNC, VCOM
Full
0
V+
V
+25
0.5
0.85
On-Resistance
RON
VNO or VNC = 1V, ICOM = -100mA,
Test Circuit 1
Full
1.2
+25
0.1
0.22
On-Resistance Match
Between Channels
RON
VNO or VNC = 1V, ICOM = -100mA,
Test Circuit 1
Full
0.45
+25
0.15
0.25
On-Resistance Flatness
RFLAT(ON)
VNO or VNC = 1V, 2.5V, ICOM = -100mA,
Test Circuit 1
Full
0.35
Source OFF Leakage
Current
INC(OFF), INO(OFF) VNO or VNC = 3.3V/0.3V, VCOM = 0.3V/3.3V
Full
1
μA
Channel ON Leakage
Current
INC(ON), INO(ON),
ICOM(ON)
VCOM = 0.3V/3.3V,
VNO or VNC = 0.3V/3.3V or floating
Full
1
μA
DIGITAL INPUTS
Input High Voltage
VINH
Full
1.6
V
Input Low Voltage
VINL
Full
0.5
V
Input Leakage Current
IIN
VIN = 0V or 4.2V
Full
1
μA
DYNAMIC CHARACTERISTICS
Turn-On Time
tON
+25
52
ns
Turn-Off Time
tOFF
VNO or VNC = 2.0V, RL = 50Ω, CL = 35pF,
Test Circuit 2
+25
25
ns
Charge Injection
Q
CL = 1.0nF, VG = 0V, RG = 0Ω, Test Circuit 3
+25
30
pC
Break-Before-Make
Time Delay
tD
VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF,
Test Circuit 4
+25
8
ns
f = 100kHz
+25
-75
Off Isolation
OISO
Signal = 0dBm, RL = 50Ω,
CL = 5pF, Test Circuit 5
f = 1MHz
+25
-55
dB
f = 1MHz
+25
-103
Channel-to-Channel
Crosstalk
XTALK
Signal = 0dBm, RL = 50Ω,
CL = 5pF, Test Circuit 6
f = 10MHz
+25
-65
dB
-3dB Bandwidth
BW
Signal = 0dBm, RL = 50Ω, CL = 5pF,
Test Circuit 7
+25
70
MHz
Channel ON Capacitance
CNC(ON),
CNO(ON),
CCOM(ON)
f = 1MHz
+25
80
pF
POWER REQUIREMENTS
Power Supply Range
V+
Full
1.8
4.35
V
Power Supply Current
I+
VIN = 0V or V+
Full
1
μA


Similar Part No. - SGM3799

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3720 SGMICRO-SGM3720 Datasheet
319Kb / 12P
   PWM Dimming, 38V Step-Up LED Driver
SGM3720 SGMICRO-SGM3720 Datasheet
1Mb / 11P
   PWM Dimming, 38V Step-Up LED Driver
SGM3720 SGMICRO-SGM3720_16 Datasheet
1Mb / 11P
   PWM Dimming, 38V Step-Up LED Driver
SGM3725 SGMICRO-SGM3725 Datasheet
345Kb / 13P
   38V Step-Up LED Driver
SGM3725 SGMICRO-SGM3725 Datasheet
1Mb / 13P
   38V Step-Up LED Driver
More results

Similar Description - SGM3799

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
   DPDT Analog Switch
SGM44599 SGMICRO-SGM44599 Datasheet
336Kb / 13P
   DPDT Analog Switch
SGM44601 SGMICRO-SGM44601 Datasheet
384Kb / 12P
   DPDT Analog Switch
SGM44600 SGMICRO-SGM44600_15 Datasheet
330Kb / 11P
   DPDT Analog Switch
SGM7223 SGMICRO-SGM7223 Datasheet
680Kb / 13P
   DPDT Analog Switch
SGM7222 SGMICRO-SGM7222 Datasheet
711Kb / 16P
   DPDT Analog Switch
logo
ON Semiconductor
FSA2457 ONSEMI-FSA2457 Datasheet
172Kb / 10P
   Dual DPDT, Analog Data Switch
Nov ember-2017, Rev . 2
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Pericom Semiconductor C...
PI3A3899 PERICOM-PI3A3899 Datasheet
282Kb / 7P
   High Speed, Dual DPDT Analog Switch
logo
Will Semiconductor Ltd.
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com