Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM4157 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM4157
Description  SPDT 1 Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4157 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM4157_15 Datasheet HTML 2Page - SG Micro Corp SGM4157_15 Datasheet HTML 3Page - SG Micro Corp SGM4157_15 Datasheet HTML 4Page - SG Micro Corp SGM4157_15 Datasheet HTML 5Page - SG Micro Corp SGM4157_15 Datasheet HTML 6Page - SG Micro Corp SGM4157_15 Datasheet HTML 7Page - SG Micro Corp SGM4157_15 Datasheet HTML 8Page - SG Micro Corp SGM4157_15 Datasheet HTML 9Page - SG Micro Corp SGM4157_15 Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SPDT 1Ω Analog Switch
6
SGM4157
SG Micro Corp
www.sg-micro.com
TEST CIRCUITS
V1
10mA
NO or NC
COM
VNO or VNC
RON = V1/10mA
Test Circuit 1. On Resistance
VOUT
NO or NC
COM
RL
300
Ω
V+
GND
CL
35pF
IN
0.1
μF
V+
VOUT
VIN
50%
90%
50%
90%
tON
tOFF
VNO or VNC
Test Circuit 2. Switching Times
VOUT
NO
COM
VNO or VNC
RL
300
Ω
V+
GND
CL
35pF
IN
0.1
μF
V+
VOUT
VIN
50%
90%
tD
NC
VNO or VNC
0
Test Circuit 3. Break-Before-Make Time Delay, tD


Similar Part No. - SGM4157_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
SGM4157YC6/TR SGMICRO-SGM4157YC6/TR Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
SGM4157YC SGMICRO-SGM4157YC_15 Datasheet
311Kb / 9P
   SPDT 0.8 Analog Switch
SGM4157YD6/TR SGMICRO-SGM4157YD6/TR Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
More results

Similar Description - SGM4157_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3205 GMT-G3205 Datasheet
100Kb / 1P
   Dual 1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com