Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM4582 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM4582
Description  CMOS Analog Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4582 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM4582 Datasheet HTML 1Page - SG Micro Corp SGM4582 Datasheet HTML 2Page - SG Micro Corp SGM4582 Datasheet HTML 3Page - SG Micro Corp SGM4582 Datasheet HTML 4Page - SG Micro Corp SGM4582 Datasheet HTML 5Page - SG Micro Corp SGM4582 Datasheet HTML 6Page - SG Micro Corp SGM4582 Datasheet HTML 7Page - SG Micro Corp SGM4582 Datasheet HTML 8Page - SG Micro Corp SGM4582 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SGM4582
High Voltage, CMOS Analog Multiplexer
2
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
PIN-
PACKAGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SOIC-16
SGM4582YS16G/TR
SGM4582YS16
XXXXX
Tape and Reel, 2500
SSOP-16
SGM4582YQS16G/TR
SGM4582
YQS16
XXXXX
Tape and Reel, 3000
TSSOP-16
SGM4582YTS16G/TR
SGM4582
YTS16
XXXXX
Tape and Reel, 3000
SGM4582
TQFN-3×3-16L
SGM4582YTQ16G/TR
4582TQ
XXXXX
Tape and Reel, 3000
NOTE: XXXXX = Date Code and Vendor Code.
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to VEE
VCC......................................................................-0.3V to 13.2V
GND……………………………………………...……. -0.3V to 6V
Voltage into Any Terminal
(1)
………………………………………(VEE - 0.3V) to (VCC + 0.3V)
Continuous Current into Any Terminal.............................±20mA
Peak Current, X_, Y_
(pulsed at 1ms, 10% duty cycle) ......................................±40mA
Operating Temperature Range............................-40
℃ to +85℃
Junction Temperature........................................................150
Storage Temperature Range..............................-65
℃ to +150℃
Lead Temperature (soldering, 10s)....................................260
ESD Susceptibility
HBM..................................................................................3000V
MM..................................................................................... 200V
NOTES:
1. Voltages exceeding VCC or VEE on any signal terminal are
clamped by internal diodes. Limit forward-diode current to
maximum current rating.
2. Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.


Similar Part No. - SGM4582

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4581 SGMICRO-SGM4581 Datasheet
367Kb / 17P
   CMOS Analog Multiplexer
SGM4583 SGMICRO-SGM4583 Datasheet
369Kb / 17P
   CMOS Analog Switch
More results

Similar Description - SGM4582

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4581 SGMICRO-SGM4581 Datasheet
367Kb / 17P
   CMOS Analog Multiplexer
logo
Maxim Integrated Produc...
DG508SMD MAXIM-DG508SMD Datasheet
30Kb / 4P
   MONOLITHIC CMOS, ANALOG MULTIPLEXER
19-0339 Rev. B
DG508509 MAXIM-DG508509 Datasheet
32Kb / 4P
   MONOLITHIC CMOS, ANALOG MULTIPLEXER
19-3112 Rev. C
logo
Burr-Brown (TI)
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
Maxwell Technologies
306RPFX MAXWELL-306RPFX Datasheet
272Kb / 16P
   16-Channel CMOS Analog Multiplexer
logo
Intersil Corporation
IH6108 INTERSIL-IH6108 Datasheet
80Kb / 9P
   8-Channel CMOS Analog Multiplexer
logo
Maxim Integrated Produc...
DG441442 MAXIM-DG441442 Datasheet
32Kb / 4P
   IMPROVED, QUAD, SPST, CMOS ANALOG MULTIPLEXER
19-0093 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com