Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM4684 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM4684
Description  SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4684 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM4684_15 Datasheet HTML 1Page - SG Micro Corp SGM4684_15 Datasheet HTML 2Page - SG Micro Corp SGM4684_15 Datasheet HTML 3Page - SG Micro Corp SGM4684_15 Datasheet HTML 4Page - SG Micro Corp SGM4684_15 Datasheet HTML 5Page - SG Micro Corp SGM4684_15 Datasheet HTML 6Page - SG Micro Corp SGM4684_15 Datasheet HTML 7Page - SG Micro Corp SGM4684_15 Datasheet HTML 8Page - SG Micro Corp SGM4684_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Chip Scale Packaging, Low-Voltage
0.4Ω, Dual, SPDT Analog Switch
3
SGM4684
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(V+ = +5V ± 10%, GND = 0V, TA = -40℃ to +125℃. Typical values are at TA = +25℃, unless otherwise noted.)
SGM4684
PARAMETER
SYMBOL
CONDITIONS
+25
-40
℃ to
+125
UNITS
MIN/
MAX
ANALOG SWITCH
0
V
MIN
Analog Signal Range
VNO, VNC, VCOM
V+
V
MAX
0.4
TYP
On-Resistance
RON
0 ≤ VNO or VNC ≤ V+, ICOM = -10mA,
Test Circuit 1
0.6
1.1
MAX
0.04
TYP
On-Resistance Match
Between Channels
RON
0 ≤ VNO or VNC ≤ V+, ICOM = -10mA,
Test Circuit 1
0.08
0.12
MAX
0.1
TYP
On-Resistance Flatness
RFLAT(ON)
0 ≤ VNO or VNC ≤ V+, ICOM = -10mA,
Test Circuit 1
0.15
0.4
MAX
LEAKAGE CURRENTS
±4
nA
TYP
Source OFF Leakage
Current
INC(OFF), INO(OFF)
VNO or VNC = 4.5V/1V, VCOM = 1V/4.5V,
V+ = +5.5V ,Test Circuit 2
±10
±1000
nA
MAX
±4
nA
TYP
Channel ON Leakage
Current
INC(ON), INO(ON),
ICOM(ON)
VNO or VNC = VCOM = 1V or 4.5V,
V+ = +5.5V , Test Circuit 3
±10
±1000
nA
MAX
DIGITAL INPUTS
Input High Voltage
VINH
2.4
V
MIN
Input Low Voltage
VINL
0.8
V
MAX
±0.01
μA
TYP
Input Current
IINL or IINH
VIN = VINH or VINL
±0.1
±1
μA
MAX
DYNAMIC CHARACTERISTICS
Turn-On Time
tON
VNO or VNC = 3V,
RL = 300Ω, CL = 35pF, Test Circuit 4
25
ns
TYP
Turn-Off Time
tOFF
VNO or VNC = 3V,
RL = 300Ω, CL = 35pF, Test Circuit 4
28
ns
TYP
Charge Injection
Q
CL = 1.0nF, VG = 0V, RG = 0Ω,
Test Circuit 5
3
pC
TYP
Break-Before-Make Time
Delay
tD
VNO1 or VNC1 = VNO2 or VNC2 = 3V,
RL = 300Ω, CL = 35pF, Test Circuit 6
10
ns
TYP
f = 100kHz
-70
dB
TYP
Off Isolation
OISO
RL = 50Ω, CL = 5pF,
Test Circuit 7
f = 10kHz
-85
dB
TYP
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, VCOM = 3.5VP-P,
RL = 600Ω, CL = 50pF
0.07
%
TYP
f = 100kHz
-100
dB
TYP
Channel-to-Channel
Crosstalk
XTALK
RL = 50Ω, CL = 5pF,
Test Circuit 8
f = 10kHz
-105
dB
TYP
-3dB Bandwidth
BW
RL = 50Ω, CL = 5pF, Test Circuit 9
13
MHz
TYP
Source OFF Capacitance
CNC(OFF), CNO(OFF)
94
pF
TYP
Channel ON Capacitance
CNC(ON), CNO(ON),
CCOM(ON)
450
pF
TYP
POWER REQUIREMENTS
0.001
μA
TYP
Power Supply Current
I+
V+ = +5.5V, VIN = 0V or 5V
1
μA
MAX


Similar Part No. - SGM4684_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM4684XG ETC1-SGM4684XG Datasheet
466Kb / 9P
   Chip Scale Packaging, Low-Voltage 0.4ohm, D ual, SPDT Analog Switch
logo
SG Micro Corp
SGM4684XG/TR SGMICRO-SGM4684XG/TR Datasheet
267Kb / 10P
   Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
More results

Similar Description - SGM4684_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3157DCKRG4 TI1-TS5A3157DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com