Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM4865 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM4865
Description  2.6W Stereo Audio Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4865 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM4865 Datasheet HTML 2Page - SG Micro Corp SGM4865 Datasheet HTML 3Page - SG Micro Corp SGM4865 Datasheet HTML 4Page - SG Micro Corp SGM4865 Datasheet HTML 5Page - SG Micro Corp SGM4865 Datasheet HTML 6Page - SG Micro Corp SGM4865 Datasheet HTML 7Page - SG Micro Corp SGM4865 Datasheet HTML 8Page - SG Micro Corp SGM4865 Datasheet HTML 9Page - SG Micro Corp SGM4865 Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SGM4865
2.6W Stereo Audio Power Amplifier
9
SG Micro Corp
www.sg-micro.com
TAPE AND REEL INFORMATION
NOTE: The picture is only for reference. Please make the object as the standard.
KEY PARAMETER LIST OF TAPE AND REEL
Package Type
Reel Diameter
Reel Width
W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
W
(mm)
Pin1
Quadrant
TQFN-4×4-16L
13″
12.4
4.3
4.3
1.1
4.0
8.0
2.0
12.0
Q1
Reel Width (W1)
Reel Diameter
REEL DIMENSIONS
TAPE DIMENSIONS
DIRECTION OF FEED
P2
P0
W
P1
A0
K0
B0
Q1
Q2
Q4
Q3
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1


Similar Part No. - SGM4865

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4866 SGMICRO-SGM4866 Datasheet
348Kb / 12P
   1.28W Stereo Audio Power Amplifier
More results

Similar Description - SGM4865

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3332 UTC-PA3332 Datasheet
271Kb / 10P
   2.6W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432_15 Datasheet
121Kb / 2P
   2.6W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3332 UTC-PA3332_15 Datasheet
285Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER
logo
Integrated Silicon Solu...
IS31AP4088D-QFLS2-TR ISSI-IS31AP4088D-QFLS2-TR Datasheet
496Kb / 15P
   DUAL 2.6W STEREO AUDIO AMPLIFIER
IS31AP4088D ISSI-IS31AP4088D Datasheet
456Kb / 16P
   DUAL 2.6W STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Maxim Integrated Produc...
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
   2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com