Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM4891 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM4891
Description  1.2W Audio Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4891 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM4891 Datasheet HTML 3Page - SG Micro Corp SGM4891 Datasheet HTML 4Page - SG Micro Corp SGM4891 Datasheet HTML 5Page - SG Micro Corp SGM4891 Datasheet HTML 6Page - SG Micro Corp SGM4891 Datasheet HTML 7Page - SG Micro Corp SGM4891 Datasheet HTML 8Page - SG Micro Corp SGM4891 Datasheet HTML 9Page - SG Micro Corp SGM4891 Datasheet HTML 10Page - SG Micro Corp SGM4891 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1.2W Audio Power Amplifier
7
SGM4891
SG Micro Corp
www.sg-micro.com
TYPICAL APPLICATION
20kΩ
15pF
20kΩ
250kΩ
250kΩ
CBYPASS
1μF
RIN
20kΩ
RF
20kΩ
A1
A2
SW
Shutdown
Control
VIH
VIL
VO1
VO2
RL
GND
Audio
Input
CIN
0.39μF
10kΩ
10kΩ
CS
1μF
V+
500kΩ
RIN
10kΩ
NOTE:
1. A 10kΩ resistor must be serially connected to SHDN pin.


Similar Part No. - SGM4891

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890 Datasheet
324Kb / 9P
   1.1 Watt Audio Power Amplifier
SGM4890YG/TR SGMICRO-SGM4890YG/TR Datasheet
324Kb / 9P
   1.1 Watt Audio Power Amplifier
SGM4890YMS SGMICRO-SGM4890YMS Datasheet
324Kb / 9P
   1.1 Watt Audio Power Amplifier
SGM4890YMS/TR SGMICRO-SGM4890YMS/TR Datasheet
324Kb / 9P
   1.1 Watt Audio Power Amplifier
SGM4890 SGMICRO-SGM4890_15 Datasheet
361Kb / 12P
   1.1W Audio Power Amplifier
More results

Similar Description - SGM4891

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TBA820M TGS-TBA820M Datasheet
209Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M_10 Datasheet
117Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7110 PANASONIC-AN7110 Datasheet
72Kb / 3P
   1.2W Audio Power Amplifier
logo
Wuxi Youda electronics ...
YD820 YOUDA-YD820 Datasheet
79Kb / 4P
   1.2W AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TBA820M STMICROELECTRONICS-TBA820M Datasheet
79Kb / 6P
   1.2W AUDIO AMPLIFIER
logo
NTE Electronics
NTE1704 NTE-NTE1704 Datasheet
18Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1.2W
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 1.2W
logo
Samsung semiconductor
KA2201 SAMSUNG-KA2201 Datasheet
83Kb / 4P
   1.2W AUDIO POWER AMP
S1A2201X01 SAMSUNG-S1A2201X01 Datasheet
85Kb / 4P
   1.2W AUDIO POWER AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com