Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCH041N65F Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCH041N65F
Description  N-Channel SuperFET짰 II FRFET짰 MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH041N65F Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCH041N65F Datasheet HTML 1Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 2Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 3Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 4Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 5Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 6Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 7Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 8Page - Fairchild Semiconductor FCH041N65F Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.fairchildsemi.com
©2014 Fairchild Semiconductor Corporation
FCH041N65F Rev. C1
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
34567
8
1
10
100
200
-55
oC
150
oC
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
25
oC
VGS, Gate-Source Voltage[V]
0.1
1
10
1
10
100
500
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VDS, Drain-Source Voltage[V]
VGS = 20.0V
15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
5.5V
0
40
80
120
160
200
240
0.03
0.04
0.05
0.06
*Note: TC = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.00.5
1.01.5
2.0
0.001
0.01
0.1
1
10
100
1000
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
0.1
1
10
100
1000
1
10
100
1000
10000
100000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
20
50
100
150
200
240
2
4
6
8
10
*Note: ID = 38A
VDS = 130V
VDS = 325V
VDS = 520V
Qg, Total Gate Charge [nC]


Similar Part No. - FCH041N65F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCH041N65F ISC-FCH041N65F Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCH041N65F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP110N65F FAIRCHILD-FCP110N65F Datasheet
709Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH110N65F FAIRCHILD-FCH110N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH072N60F FAIRCHILD-FCH072N60F Datasheet
587Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH077N65F FAIRCHILD-FCH077N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH104N60F FAIRCHILD-FCH104N60F Datasheet
579Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH190N65F FAIRCHILD-FCH190N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCA47N60F FAIRCHILD-FCA47N60F_15 Datasheet
1Mb / 8P
   N-Channel SuperFET짰 FRFET짰 MOSFET
FCPF600N60Z FAIRCHILD-FCPF600N60Z Datasheet
337Kb / 10P
   N-Channel SuperFET짰 II MOSFET
FCP170N60 FAIRCHILD-FCP170N60_15 Datasheet
817Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP190N60_GF102 FAIRCHILD-FCP190N60_GF102 Datasheet
663Kb / 9P
   N-Channel SuperFET짰 II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com