Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCH077N65F Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FCH077N65F
Description  N-Channel SuperFET짰 II FRFET짰 MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH077N65F Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FCH077N65F Datasheet HTML 1Page - Fairchild Semiconductor FCH077N65F Datasheet HTML 2Page - Fairchild Semiconductor FCH077N65F Datasheet HTML 3Page - Fairchild Semiconductor FCH077N65F Datasheet HTML 4Page - Fairchild Semiconductor FCH077N65F Datasheet HTML 5Page - Fairchild Semiconductor FCH077N65F Datasheet HTML 6Page - Fairchild Semiconductor FCH077N65F Datasheet HTML 7Page - Fairchild Semiconductor FCH077N65F Datasheet HTML 8Page - Fairchild Semiconductor FCH077N65F Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.fairchildsemi.com
8
©2014 Fairchild Semiconductor Corporation
FCH077N65F Rev. C1
Mechanical Dimensions
Figure 17. TO-247, Molded, 3-Lead, Jedec AB Long Leads
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TO247-0A3


Similar Part No. - FCH077N65F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCH077N65F ISC-FCH077N65F Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FCH077N65F-F085 ONSEMI-FCH077N65F-F085 Datasheet
425Kb / 10P
   MOSFET ??N-Channel, SUPERFET II, FRFET 650 V, 54 A, 77 m
November, 2019 ??Rev. 3
logo
Fairchild Semiconductor
FCH077N65F_F085 FAIRCHILD-FCH077N65F_F085 Datasheet
695Kb / 9P
   N-Channel SuperFET II FRFET MOSFET
FCH077N65F_F085 FAIRCHILD-FCH077N65F_F085 Datasheet
695Kb / 9P
   N-Channel SuperFET II FRFET MOSFET
FCH077N65F_F085 FAIRCHILD-FCH077N65F_F085_15 Datasheet
695Kb / 9P
   N-Channel SuperFET II FRFET MOSFET
More results

Similar Description - FCH077N65F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP110N65F FAIRCHILD-FCP110N65F Datasheet
709Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH110N65F FAIRCHILD-FCH110N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH041N65F FAIRCHILD-FCH041N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH072N60F FAIRCHILD-FCH072N60F Datasheet
587Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH104N60F FAIRCHILD-FCH104N60F Datasheet
579Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH190N65F FAIRCHILD-FCH190N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCA47N60F FAIRCHILD-FCA47N60F_15 Datasheet
1Mb / 8P
   N-Channel SuperFET짰 FRFET짰 MOSFET
FCPF600N60Z FAIRCHILD-FCPF600N60Z Datasheet
337Kb / 10P
   N-Channel SuperFET짰 II MOSFET
FCP170N60 FAIRCHILD-FCP170N60_15 Datasheet
817Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP190N60_GF102 FAIRCHILD-FCP190N60_GF102 Datasheet
663Kb / 9P
   N-Channel SuperFET짰 II MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com