Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCH190N65F_F085 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FCH190N65F_F085
Description  N-Channel SuperFET II FRFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH190N65F_F085 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FCH190N65F_F085 Datasheet HTML 1Page - Fairchild Semiconductor FCH190N65F_F085 Datasheet HTML 2Page - Fairchild Semiconductor FCH190N65F_F085 Datasheet HTML 3Page - Fairchild Semiconductor FCH190N65F_F085 Datasheet HTML 4Page - Fairchild Semiconductor FCH190N65F_F085 Datasheet HTML 5Page - Fairchild Semiconductor FCH190N65F_F085 Datasheet HTML 6Page - Fairchild Semiconductor FCH190N65F_F085 Datasheet HTML 7Page - Fairchild Semiconductor FCH190N65F_F085 Datasheet HTML 8Page - Fairchild Semiconductor FCH190N65F_F085 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FCH190N65F_F085 Rev. B1
www.fairchildsemi.com
4
Figure 5.
1
10
100
1000
0.01
0.1
1
10
100
10us
100us
1ms
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY RDS(on)
SINGLE PULSE
TJ = MAX RATED
TC = 25oC
100ms
Forward Bias Safe Operating Area
Figure 6.
345678
0
10
20
30
40
50
60
TJ = -55oC
TJ = 25oC
TJ = 150oC
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VDS = 20V
VGS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 7.
0.0
0.3
0.6
0.9
1.2
1.5
0.1
1
10
100
200
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Forward Diode Characteristics
Figure 8.
036
9
12
15
0
10
20
30
40
50
60
70
5V
VGS
15V Top
10V
8V
7V
6V
5.5V
5V Bottom
80μs PULSE WIDTH
TJ = 25oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
Saturation Characteristics
Figure 9.
0
4
8
12
16
20
0
5
10
15
20
25
30
35
40
80μs PULSE WIDTH
TJ = 150oC
5V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS
15V Top
10V
8V
7V
6V
5.5V
5V Bottom
Saturation Characteristics
Figure 10.
4
567
89
10
0
200
400
600
800
1000
ID = 10A
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 25oC
TJ = 150oC
RDSON vs. Gate Voltage
Typical Characteristics


Similar Part No. - FCH190N65F_F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCH190N65F-F085 ONSEMI-FCH190N65F-F085 Datasheet
422Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 20.6 A, 190 m
November, 2019 - Rev. 3
logo
Fairchild Semiconductor
FCH190N65F_F085 FAIRCHILD-FCH190N65F_F085_15 Datasheet
706Kb / 9P
   N-Channel SuperFET II FRFET MOSFET
More results

Similar Description - FCH190N65F_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP150N65F FAIRCHILD-FCP150N65F Datasheet
1Mb / 12P
   N-Channel SuperFET II FRFET MOSFET
FCH190N65F_F085 FAIRCHILD-FCH190N65F_F085_15 Datasheet
706Kb / 9P
   N-Channel SuperFET II FRFET MOSFET
FCH077N65F_F085 FAIRCHILD-FCH077N65F_F085 Datasheet
695Kb / 9P
   N-Channel SuperFET II FRFET MOSFET
FCH077N65F_F085 FAIRCHILD-FCH077N65F_F085_15 Datasheet
695Kb / 9P
   N-Channel SuperFET II FRFET MOSFET
FCH47N60F FAIRCHILD-FCH47N60F_13 Datasheet
290Kb / 8P
   N-Channel SuperFET FRFET MOSFET
logo
ON Semiconductor
NTMT090N65S3HF ONSEMI-NTMT090N65S3HF Datasheet
310Kb / 10P
   MOSFET - Power, N-Channel, SUPERFET III, FRFET
November, 2020 ??Rev. 0
NTHL082N65S3HF ONSEMI-NTHL082N65S3HF Datasheet
331Kb / 10P
   MOSFET - Power, N-Channel, SUPERFET III, FRFET
September, 2020 ??Rev. 1
NTP190N65S3HF ONSEMI-NTP190N65S3HF Datasheet
445Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, FRFET
September, 2019 ??Rev. 1
NTMT150N65S3HF ONSEMI-NTMT150N65S3HF Datasheet
300Kb / 10P
   MOSFET - Power, N-Channel, SUPERFET III, FRFET
November, 2020 ??Rev. 0
NTMT110N65S3HF ONSEMI-NTMT110N65S3HF Datasheet
303Kb / 10P
   MOSFET - Power, N-Channel, SUPERFET III, FRFET
November, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com