Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72104 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72104
Description  CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72104 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72104 Datasheet HTML 5Page - Integrated Device Technology IDT72104 Datasheet HTML 6Page - Integrated Device Technology IDT72104 Datasheet HTML 7Page - Integrated Device Technology IDT72104 Datasheet HTML 8Page - Integrated Device Technology IDT72104 Datasheet HTML 9Page - Integrated Device Technology IDT72104 Datasheet HTML 10Page - Integrated Device Technology IDT72104 Datasheet HTML 11Page - Integrated Device Technology IDT72104 Datasheet HTML 12Page - Integrated Device Technology IDT72104 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
IDT72103, IDT72104
CMOS PARALLEL-SERIAL FIFO 2048 x 9 AND 4096 x 9
COMMERCIAL TEMPERATURE RANGES
5.37
9
Almost–Empty or Almost–Full Flag (
AEF)
The
AEF asserts LOW if there are 0-255 or 1793-2048
bytes in the IDT72103, 2K x 9 FIFO. The
AEF asserts LOW
if there are 0-511 or 3585-4096 bytes in the IDT72104, 4K x
9 FIFO.
Empty–Plus–One Flag (
EF+1)
In the parallel-output mode, the
EF+1 flag is asserted LOW
when there is one word or less in the FIFO. It will remain LOW
when the FIFO is empty.
In the serial-output mode, the
EF+1 flag operates as an
EF+2 flag. It goes LOW when the second to the last word is
read from the RAM array and is ready to be shifted out.
Empty Flag (
EF) — Parallel–Out Mode
When the FIFO is in the parallel out mode and there is only
one word in the FIFO, the falling edge of the
R line will cause
the
EF line to be asserted LOW. This is shown in Figure 6. The
EF is then de-asserted HIGH by either the rising edge of W or
the rising edge of SICP, as shown in Figure 6.
Empty Flag — Serial–Out Mode
The use of the
EF is important for proper serial-out opera-
tion when the FIFO is almost empty. The
EF flag is asserted
LOW after the first bit of the last word is shifted out. This is
shown in Figure 22.
TABLE 1 — STATUS FLAGS
Number of
Words in FIFO
(1)
IDT72103
IDT72104
FF FF-1 AEF HF EF+1 EF
00
H
H
L
H
L
L
1
1
H
H
LHLH
2-255
2-511
H
H
L
H
H
H
'
256-1024
512-2048
H
HHHHH
1025-1792
2049-3584
H
H
H
L
H
H
1793-2046
3585-4094
H
H
L
L
H
H
2047
4095
H
L
L
L
H
H
2048
4096
L
L
L
L
H
H
NOTE:
2753 tbl 10
1.
EF+1 acts as EF+2 in the serial out mode.
OUTPUTS:
Data Outputs (Q0–Q8)
Data outputs for 9-bit wide data. These output lines are in
a high-impedance condition whenever
R is in a high state. The
serial output mode is selected by grounding the
SO/PO pin.
The Q0-Q8 lines are control pins used to program the serial
word width.
Serial Output (SO)
Serial data is output on the SO pin. In both depth and serial
width expansion modes the serial output signals of the
different FlFOs in the expansion array are connected
to-
gether. Following reset, SO is tristated until the first rising
edge of the Serial Out Clock (SOCP) signal. Data is clocked
out least significant bit first. In the serial width expansion
mode, SO is tristated again after the ninth bit is output.
Full Flag (
FF)
FF is asserted LOW when the FIFO is full. When the FIFO
is full, the internal write pointer will not be incremented by any
additional write pulses.
Full Flag — Serial In Mode
When the FIFO is loaded serially, the Serial In Clock (SICP)
asserts the
FF. On the second rising edge of the SICP for the
last word in the FIFO, the
FF will assert LOW, and it will remain
asserted until the next read operation. Note that when the
FF
is asserted, the last SICP for that word will have to be stretched
as shown in Figure 23.
Full Flag — Parallel–ln Mode
When the FIFO is in the Parallel-ln mode, the falling edge
of
W asserts theFF (LOW). The FF is then de-asserted (HIGH)
by subsequent read operations - either serial or parallel.
Full–Minus — One Flag (
FF–1)
The
FF–1 flag is asserted low when the FIFO is one word
away from being full. It will remain asserted when the FIFO is
full.
Expansion Out/Half–Full Flag (
XO/HF)
In the single-device mode, the
XO/HF pin operates as a HF
pin when the
Xl pin is grounded. After half of the memory is
filled, the
HF will be set to LOW at the falling edge of the next
write operation. It will remain set until the difference between
the write pointer and read pointer is less than or equal to one-
half of the FIFO total memory. The
HF is then reset by the
rising edge of the read operation.
In the multiple-device mode, the
XI pin is connected to the
XO pin of the previous device. The XO pin signals a pulse to
the next device when the previous device reaches the best
location of memory in the daisy chain configuration.


Similar Part No. - IDT72104

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210 IDT-IDT7210 Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L25SO IDT-IDT72105L25SO Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L25TP IDT-IDT72105L25TP Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L50SO IDT-IDT72105L50SO Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
More results

Similar Description - IDT72104

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
   2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com