Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB42AN15_F085 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDB42AN15_F085
Description  N-Channel Power Trench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB42AN15_F085 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDB42AN15_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDB42AN15_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDB42AN15_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDB42AN15_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDB42AN15_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDB42AN15_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDB42AN15A0_F085 Rev. C1
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V
150
-
-
V
IDSS
Drain to Source Leakage Current
VDS=150V,
TJ = 25oC
-
-
1
μA
VGS = 0V
TJ = 175oC(Note 4)
-
-
1
mA
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250μA
2.0
3.0
4.0
V
rDS(on)
Drain to Source On Resistance
ID = 12A,
VGS= 10V
TJ = 25oC
-
36
42
m
Ω
TJ = 175oC(Note 4)
-
89
104
m
Ω
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
2040
-
pF
Coss
Output Capacitance
-
216
-
pF
Crss
Reverse Transfer Capacitance
-
48
-
pF
Rg
Gate Resistance
f = 1MHz
-
1
-
Ω
Qg(ToT)
Total Gate Charge at 10V
VGS = 0 to 10V
VDD = 75V
ID = 12A
-30
36
nC
Qg(th)
Threshold Gate Charge
VGS = 0 to 2V
-
3.7
4.5
nC
Qgs
Gate to Source Gate Charge
-9
-
nC
Qgd
Gate to Drain “Miller“ Charge
-
6.5
-
nC
Switching Characteristics
Drain-Source Diode Characteristics
Notes:
4: The maximum value is specified by design at TJ = 175°C. Product is not tested to this condition in production.
ton
Turn-On Time
VDD = 75V, ID = 12A,
VGS = 10V, RGEN = 7.5Ω
-
-
30
ns
td(on)
Turn-On Delay Time
-
15
-
ns
tr
Rise Time
-
11
-
ns
td(off)
Turn-Off Delay Time
-
22
-
ns
tf
Fall Time
-
3
-
ns
toff
Turn-Off Time
-
-
29
ns
VSD
Source to Drain Diode Voltage
ISD = 12A, VGS = 0V
-
-
1.25
V
ISD = 6A, VGS = 0V
-
-
1.2
V
Trr
Reverse Recovery Time
IF = 12A, dISD/dt = 100A/μs,
VDD=120V
-67
72
ns
Qrr
Reverse Recovery Charge
-
193
222
nC


Similar Part No. - FDB42AN15_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB42AN15A0 FAIRCHILD-FDB42AN15A0 Datasheet
258Kb / 11P
   N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDB42AN15A0 ISC-FDB42AN15A0 Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB42AN15_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86260 FAIRCHILD-FDMC86260 Datasheet
251Kb / 7P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDD9410-F085 ONSEMI-FDD9410-F085 Datasheet
706Kb / 7P
   N-Channel Power Trench짰 MOSFET
August-2017, Rev3
logo
Fairchild Semiconductor
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86102LZ FAIRCHILD-FDMC86102LZ Datasheet
266Kb / 7P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDMS5360L-F085 ONSEMI-FDMS5360L-F085 Datasheet
854Kb / 6P
   N-Channel Power Trench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDBL0630N150 FAIRCHILD-FDBL0630N150 Datasheet
501Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDD120AN15_F085 FAIRCHILD-FDD120AN15_F085 Datasheet
365Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDMC7692 FAIRCHILD-FDMC7692_10 Datasheet
215Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86240 FAIRCHILD-FDMC86240 Datasheet
321Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC7678 FAIRCHILD-FDMC7678 Datasheet
260Kb / 7P
   N-Channel Power Trench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com