Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB8442_F085 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDB8442_F085
Description  N-Channel PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8442_F085 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDB8442_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDB8442_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDB8442_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDB8442_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDB8442_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDB8442_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDB8442_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDB8442_F085 Rev. A1
www.fairchildsemi.com
4
Typical Characteristics
Figure 1. Normalized Power Dissipation vs Case
Temperature
0
25
50
75
100
125
150
175
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE(oC)
Figure 2.
25
50
75
100
125
150
175
0
50
100
150
200
250
300
TC, CASE TEMPERATURE(oC)
V
GS = 10V
CURRENT LIMITED
BY PACKAGE
Maximum Continuous Drain Current vs
Case Temperature
Figure 3.
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
1E-3
0.01
0.1
1
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION(s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
100
1000
10000
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
V
GS = 10V
SINGLE PULSE
t, RECTANGULAR PULSE DURATION(s)
TC = 25oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


Similar Part No. - FDB8442_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8442 FAIRCHILD-FDB8442_10 Datasheet
457Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.9m廓
More results

Similar Description - FDB8442_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com