Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72041L30D Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72041L30D
Description  CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72041L30D Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72041L30D Datasheet HTML 1Page - Integrated Device Technology IDT72041L30D Datasheet HTML 2Page - Integrated Device Technology IDT72041L30D Datasheet HTML 3Page - Integrated Device Technology IDT72041L30D Datasheet HTML 4Page - Integrated Device Technology IDT72041L30D Datasheet HTML 5Page - Integrated Device Technology IDT72041L30D Datasheet HTML 6Page - Integrated Device Technology IDT72041L30D Datasheet HTML 7Page - Integrated Device Technology IDT72041L30D Datasheet HTML 8Page - Integrated Device Technology IDT72041L30D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DECEMBER 1996
©1996 Integrated Device Technology, Inc.
DSC-2677/7
5.09
1
FEATURES:
• First-In/First-Out Dual-Port memory
• Bit organization
IDT72021—1K x 9
IDT72031—2K x 9
IDT72041—4K x 9
• Ultra high speed
IDT72021—25ns access time
IDT72031—35ns access time
IDT72041—35ns access time
• Easily expandable in word depth and/or width
• Asynchronous and simultaneous read and write
• Functionally equivalent to IDT7202/03/04 with Output
Enable (
OE) and Almost Empty/Almost Full Flag (AEF)
• Four status flags: Full, Empty, Half-Full (single device
mode), and Almost Empty/Almost Full (7/8 empty or 7/8
full in single device mode)
• Output Enable controls the data output port
• Auto-retransmit capability
• Available in 32-pin DIP and PLCC
• Military product compliant to MIL-STD-883, Class B
• Industrial temperature range (-40oC to +85oC) is avail
able, tested to military electrical specifications
DESCRIPTION:
IDT72021/031/041s are high-speed, low-power, dual-port
memory devices commonly known as FIFOs (First-In/First-
Out). Data can be written into and read from the memory at
independent rates. The order of information stored and ex-
tracted does not change, but the rate of data entering the FIFO
might be different than the rate leaving the FIFO. Unlike a
Static RAM, no address information is required because the
read and write pointers advance sequentially. The IDT72021/
031/041s can perform asynchronous and simultaneous read
and write operations. There are four status flags, (
HF, FF, EF,
AEF) to monitor data overflow and underflow. Output Enable
(
OE) is provided to control the flow of data through the output
port. Additional key features are Write (
W), Read (R), Retrans-
mit (
RT), First Load (FL), Expansion In (XI) and Expansion Out
(
XO). The IDT72021/031/041s are designed for those appli-
cations requiring data control flags and Output Enable (
OE) in
multiprocessing and rate buffer applications.
The IDT72021/031/041s are fabricated using IDT’s CMOS
technology. Military grade product is manufactured in compli-
ance with the latest version of MIL-STD-883, Class B, for high
reliability systems.
IDT72021
IDT72031
IDT72041
CMOS ASYNCHRONOUS FIFO WITH
RETRANSMIT
1K x 9, 2K x 9, 4K x 9
W
R
XI
2677 drw 01
WRITE
CONTROL
WRITE
POINTER
READ
POINTER
RESET
LOGIC
READ
CONTROL
FLAG
LOGIC
EXPANSION
LOGIC
DATA INPUT
(D0–D8)
RAM
ARRAY
1024 x 9
2048 x 9
4096 x 9
1
2
DATA OUTPUTS
(Q0–Q8)
THREE-
STATE
BUFFERS
1024/
2048/
4096
AEF
EF
FF
FL/RT
XO/HF
RS
OE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST is a trademark of National Semiconductor Co.
FUNCTIONAL BLOCK DIAGRAM
For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.


Similar Part No. - IDT72041L30D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7204 IDT-IDT7204 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT7204 IDT-IDT7204 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7204 IDT-IDT7204 Datasheet
213Kb / 14P
   First-In/First-Out Dual-Port memory
IDT7204 IDT-IDT7204 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7204L120D IDT-IDT7204L120D Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
More results

Similar Description - IDT72041L30D

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com