Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-68SDF-810M41B Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # FU-68SDF-810M41B
Description  1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-68SDF-810M41B Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FU-68SDF-810M41B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-68SDF-810M41B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-68SDF-810M41B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-68SDF-810M41B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-68SDF-810M41B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MITSUBISHI (OPTICAL DEVICES)
FU-68SDF-V810MxxB
1.55
mm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
(WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
DESCRIPTION
Mod ule type FU-68SDF-V810MxxB is a 1.55
mm DFB-
LD module with single-mode optical fiber.
Th is module is suitable to a directly modulated light
source
for
use
in
2.5Gb/s
digital
optical
communication systems.
Th is module is pre pared in accordance with ITU-T
reco mmend ation wavelength channel plan for Dense-
WDM transmission.
FEATURES
Multi qu antum wells (MQW) DFB Laser Diode
module
Input impedance is 25
W
Emission wavelength is in 1.55
mm band
High-speed response
Built-in optical isolator
Built-in thermal electric cooler
Butterfly package
With photodiode for optical output monitor
APPLICATION
High speed transmission systems (~2.5Gb/s)
Dense-WDM systems
ABSOLUTE MAXIMUM RATINGS (Tld=Tset)
Parameter
Symbol
Conditions
Rating
Unit
Optical output
power
Pf
CW
15
mW
Forward current
If
CW
150
mA
Laser diode
Reverse voltage
Vrl
2V
Reverse voltage
Vrd
20
V
Photodiode
Forward current
Ifd
2mA
Cooler current
Ipe
1.3
A
Thermo-
electric co oler
(Note)
Cooler voltage
Vpe
3.1
V
Operating case temperature
Tc
-20 ~ 70
°C
Storage temperature
Tstg
-40 ~ 85
°C
No te) E ven if the thermo-electric cooler (TEC) is operated within the rated conditions, uncontrolled current loading
or o peration without heatsink may easily damage the module by exceeding the storage temperature range.
Th ermistor resistance sho uld be properly monitored by the feedback circuit during TEC operation to avoid
the catastrophic damage.


Similar Part No. - FU-68SDF-810M41B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68SDF-802M11B MITSUBISHI-FU-68SDF-802M11B Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-802M13B MITSUBISHI-FU-68SDF-802M13B Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-802M15B MITSUBISHI-FU-68SDF-802M15B Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-802M17B MITSUBISHI-FU-68SDF-802M17B Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-802M19B MITSUBISHI-FU-68SDF-802M19B Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results

Similar Description - FU-68SDF-810M41B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68SDF-V802MXXB MITSUBISHI-FU-68SDF-V802MXXB Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V520MXXB MITSUBISHI-FU-68PDF-V520MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V510MXXB MITSUBISHI-FU-68PDF-V510MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-22 MITSUBISHI-FU-68SDF-22 Datasheet
85Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-1M1B MITSUBISHI-FU-645SDF-1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-X1MXX MITSUBISHI-FU-645SDF-X1MXX Datasheet
109Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V802MXXXB MITSUBISHI-FU-68SDF-V802MXXXB Datasheet
93Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXXB MITSUBISHI-FU-68SDF-V810MXXXB Datasheet
91Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-48SDF-1 MITSUBISHI-FU-48SDF-1 Datasheet
222Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com