Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD2.4EAB1 Datasheet(PDF) 3 Page - NEC

Part # RD2.4EAB1
Description  400 mW DHD ZENER DIODE DO-34
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD2.4EAB1 Datasheet(HTML) 3 Page - NEC

  RD2.4EAB1 Datasheet HTML 1Page - NEC RD2.4EAB1 Datasheet HTML 2Page - NEC RD2.4EAB1 Datasheet HTML 3Page - NEC RD2.4EAB1 Datasheet HTML 4Page - NEC RD2.4EAB1 Datasheet HTML 5Page - NEC RD2.4EAB1 Datasheet HTML 6Page - NEC RD2.4EAB1 Datasheet HTML 7Page - NEC RD2.4EAB1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
RD2.0ES to RD39ES
Data Sheet D13935EJ6V0DS00
Type
Number
Suffix
Zener Voltage
VZ (V)Note 1
Dynamic Impedance
ZZ (
Ω)Note 2
Knee Dynamic
Impedance
ZZK (
Ω)Note 2
Reverse Current
IR (
µA)
MIN.
MAX.
IZ(mA)
MAX.
IZ(mA)
MAX.
IZ(mA)
MAX.
VR(V)
AB
10.18
11.38
RD11ES
AB1
10.18
10.71
5
20
5
120
0.5
0.2
8.0
AB2
10.50
11.05
AB3
10.82
11.38
AB
11.13
12.35
RD12ES
AB1
11.13
11.71
5
25
5
110
0.5
0.2
9.0
AB2
11.44
12.03
AB3
11.74
12.35
AB
12.11
13.66
RD13ES
AB1
12.11
12.75
5
25
5
110
0.5
0.2
10
AB2
12.55
13.21
AB3
12.99
13.66
AB
13.44
15.09
RD15ES
AB1
13.44
14.13
5
25
5
110
0.5
0.2
11
AB2
13.89
14.62
AB3
14.35
15.09
AB
14.80
16.51
RD16ES
AB1
14.80
15.57
5
25
5
150
0.5
0.2
12
AB2
15.25
16.04
AB3
15.69
16.51
AB
16.22
18.33
RD18ES
AB1
16.22
17.06
5
30
5
150
0.5
0.2
13
AB2
16.82
17.70
AB3
17.42
18.33
AB
18.14
20.45
RD20ES
AB1
18.14
19.07
5
30
5
200
0.5
0.2
15
AB2
18.80
19.76
AB3
19.45
20.45
AB
20.15
22.63
AB1
20.15
21.20
RD22ES
AB2
20.64
21.71
5
30
5
200
0.5
0.2
17
AB3
21.08
22.17
AB4
21.52
22.63
AB
22.05
24.85
AB1
22.05
23.18
RD24ES
AB2
22.61
23.77
5
35
5
200
0.5
0.2
19
AB3
23.12
24.31
AB4
23.63
24.85
AB
24.26
27.64
AB1
24.26
25.52
RD27ES
AB2
24.97
26.26
5
45
5
250
0.5
0.2
21
AB3
25.63
26.95
AB4
26.29
27.64
AB
26.99
30.51
AB1
26.99
28.39
RD30ES
AB2
27.70
29.13
5
55
5
250
0.5
0.2
23
AB3
28.36
29.82
AB4
29.02
30.51
AB
29.68
33.11
AB1
29.68
31.22
RD33ES
AB2
30.32
31.88
5
65
5
250
0.5
0.2
25
AB3
30.90
32.50
AB4
31.49
33.11
AB
32.14
35.77
AB1
32.14
33.79
RD36ES
AB2
32.79
34.49
5
75
5
250
0.5
0.2
27
AB3
33.40
35.13
AB4
34.01
35.77
AB
34.68
38.52
AB1
34.68
36.47
RD39ES
AB2
35.36
37.19
5
85
5
250
0.5
0.2
30
AB3
36.00
37.85
AB4
36.63
38.52
Notes 1. tested with pulse (40 ms)
2. ZZ and ZZK are measured at lz by given a very small A.C. current signal.
3. Suffix AB is Suffix AB1, AB2, AB3 or AB4.


Similar Part No. - RD2.4EAB1

ManufacturerPart #DatasheetDescription
logo
NEC
RD2.4E NEC-RD2.4E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD2.4E EIC-RD2.4E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD2.4E NJSEMI-RD2.4E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD2.4EB NEC-RD2.4EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD2.4EB1 NEC-RD2.4EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD2.4EAB1

ManufacturerPart #DatasheetDescription
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD39JS NEC-RD39JS Datasheet
44Kb / 8P
   DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
Tak Cheong Electronics ...
TCMZ2V0 TAK_CHEONG-TCMZ2V0 Datasheet
172Kb / 5P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MTZJ2V0 YEASHIN-MTZJ2V0 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MZ2V0 YEASHIN-MZ2V0 Datasheet
494Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Micro Commercial Compon...
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
   400 mW Zener Diode 3.0 to 51 Volts
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com