Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7210L65C Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7210L65C
Description  16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7210L65C Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7210L65C Datasheet HTML 1Page - Integrated Device Technology IDT7210L65C Datasheet HTML 2Page - Integrated Device Technology IDT7210L65C Datasheet HTML 3Page - Integrated Device Technology IDT7210L65C Datasheet HTML 4Page - Integrated Device Technology IDT7210L65C Datasheet HTML 5Page - Integrated Device Technology IDT7210L65C Datasheet HTML 6Page - Integrated Device Technology IDT7210L65C Datasheet HTML 7Page - Integrated Device Technology IDT7210L65C Datasheet HTML 8Page - Integrated Device Technology IDT7210L65C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
11.2
4
IDT7210L
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PRELOAD TRUTH TABLE
PREL
TSX
TSM
TSL
XTP
MSP
LSP
00
00
Q
Q
Q
00
01
Q
Q
Hi Z
00
10
Q
Hi Z
Q
0
0
1
1
Q
Hi Z
Hi Z
01
00
Hi Z
Q
Q
0
1
0
1
Hi Z
Q
Hi Z
0
1
1
0
Hi Z
Hi Z
Q
0
1
1
1
Hi Z
Hi Z
Hi Z
1
0
0
0
Hi Z
Hi Z
Hi Z
1
0
0
1
Hi Z
Hi Z
PL
1
0
1
0
Hi Z
PL
Hi Z
10
11
Hi Z
PL
PL
1
1
0
0
PL
Hi Z
Hi Z
1
1
0
1
PL
Hi Z
PL
1
1
1
0
PL
PL
Hi Z
1
1
1
1
PL
PL
PL
NOTES:
2577 tbl 02
Hi Z = Output buffers at high impedance (output disabled)
Q = Output buffers at low impedance. Contents of output register will be
transferred to output pins.
PL = Output buffers at high impedance or output disabled. Preload data
supplied externally at output pins will be loaded into the output
register at the rising edge of CLKP.
NOTES ON TWO'S COMPLEMENT FORMATS
1. In two's complement notation, the location of the binary
point that signifies the separation of the fractional and
integer fileds is just after the sign, between the sign bit
(-2
°) and the next significant bit for the multiplier inputs.
This same format is carried over to the output format,
except that the extended significance of the integer filed is
provided to extend the utility of the accumulator. In the
case of the output rotation, the output binary point is
located between the2
° and 21 bit positions. The location of
the binary point is arbitrary, as long as there is consistency
with both the input and output formats. The number filed
can be considered entirely integer with the binary point just
to the right of the least significant bit for the input, product
and the accumulated sum.
2. When in the non-accumulating mode, the first four bits (P34
to P31) will all indicate the sign of the product. Additionally,
the P30 term will also indicate the sign with one exception,
when multiplying -1 x -1. With the additional bits that are
available in this multiplier, the –1 x –1 is a valid operation
that yields a +1 product.
3. In operations that require the accumulation of single prod-
ucts or sum of products, there is no change in format. To
allow for a valid summation beyond that available for a
single multiplication product, three additional significant
bits (guard bits) are provided. This is the same as if the
product was accumulated off-chip in a separate 35-bit wide
adder. Taking the sign at the most significant bit position
will guarantee that the largest number field will be used.
When the accumulated sum only occupies the right hand
portion of the accumulator, the sign will be extended into
the lesser significant bit positions.
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VCC
Power Supply
Voltage
-0.5 to +7.0
-0.5 to +7.0
V
VTERM
Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5V
–0.5 to
VCC +0.5V
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
IOUT
DC Output
Current
50
50
mA
NOTE:
2577 tbl 03
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
10
pF
COUT
Output Capacitance
VOUT = 0V
12
pF
NOTE:
2577 tbl 04
1. This parameter is measured at characterization and not 100%tested.


Similar Part No. - IDT7210L65C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L35J IDT-IDT72103L35J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L50J IDT-IDT72103L50J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72104 IDT-IDT72104 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72104L35J IDT-IDT72104L35J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
More results

Similar Description - IDT7210L65C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
   16 x 16 PARALLEL CMOS MULTIPLIERS
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com