Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB86363_F085 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB86363_F085
Description  N-Channel PowerTrench짰 MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB86363_F085 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB86363_F085 Datasheet HTML 1Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
June 2014
©2014 Fairchild Semiconductor Corporation
FDB86363_F085 Rev. C2
www.fairchildsemi.com
1
FDB86363_F085
N-Channel PowerTrench® MOSFET
80 V, 110 A, 2.4 m
Ω
Features
Typical RDS(on) = 2.0 mΩ at VGS = 10V, ID = 80 A
Typical Qg(tot) = 131 nC at VGS = 10V, ID = 80 A
UIS Capability
RoHS Compliant
Qualified to AEC Q101
Applications
Automotive Engine Control
PowerTrain Management
Solenoid and Motor Drivers
Integrated Starter/Alternator
Primary Switch for 12V Systems
MOSFET Maximum Ratings TJ = 25°C unless otherwise noted.
Symbol
Parameter
Ratings
Units
VDSS
Drain-to-Source Voltage
80
V
VGS
Gate-to-Source Voltage
±20
V
ID
Drain Current - Continuous (VGS=10) (Note 1)
TC = 25°C
110
A
Pulsed Drain Current
TC = 25°C
See Figure 4
EAS
Single Pulse Avalanche Energy
(Note 2)
512
mJ
PD
Power Dissipation
300
W
Derate Above 25oC2.0
W/oC
TJ, TSTG Operating and Storage Temperature
-55 to + 175
oC
RθJC
Thermal Resistance, Junction to Case
0.5
oC/W
RθJA
Maximum Thermal Resistance, Junction to Ambient
(Note 3)
43
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDB86363
FDB86363_F085
D2-PAK(TO-263)
330mm
24mm
800 units
Notes:
1: Current is limited by bondwire configuration.
2: Starting TJ = 25°C, L = 0.25mH, IAS = 64A, VDD = 80V during inductor charging and VDD = 0V during time in avalanche.
3: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance, where the case thermal reference is defined as the solder
mounting surface of the drain pins. RθJC is guaranteed by design, while RθJAis determined by the board design. The maximum rating
presented here is based on mounting on a 1 in2 pad of 2oz copper.
G
S
D
D
G
S
TO-263
FDB SERIES
For current package drawing, please refer to the Fairchild 
website at www.fairchildsemi.com/packaging


Similar Part No. - FDB86363_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB86360_F085 FAIRCHILD-FDB86360_F085 Datasheet
371Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDB86366_F085 FAIRCHILD-FDB86366_F085 Datasheet
470Kb / 6P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDB86363_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com