Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72125L25SO Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72125L25SO
Description  CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72125L25SO Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72125L25SO Datasheet HTML 1Page - Integrated Device Technology IDT72125L25SO Datasheet HTML 2Page - Integrated Device Technology IDT72125L25SO Datasheet HTML 3Page - Integrated Device Technology IDT72125L25SO Datasheet HTML 4Page - Integrated Device Technology IDT72125L25SO Datasheet HTML 5Page - Integrated Device Technology IDT72125L25SO Datasheet HTML 6Page - Integrated Device Technology IDT72125L25SO Datasheet HTML 7Page - Integrated Device Technology IDT72125L25SO Datasheet HTML 8Page - Integrated Device Technology IDT72125L25SO Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5.35
2
COMMERCIAL TEMPERATURE RANGES
IDT72105, IDT72115, IDT72125,
256 x 16, 512 x 16, 1024 x 16 PARALLEL-TO-SERIAL CMOS FIFO
PIN CONFIGURATION
Symbol
Name
I/O
Description
D0–D15
Inputs
I
Data inputs for 16-bit wide data.
RS
Reset
I
When
RS is set low, internal READ and WRITE pointers are set to the first location of the RAM
array.
FF and HF go HIGH. EF and AEF go LOW. A reset is required before an initial WRITE
after power-up.
W must be high during the RS cycle. Also the First Load pin (FL) is programmed
only during Reset.
W
Write
I
A write cycle is initiated on the falling edge of WRITE if the Full Flag (
FF) is not set. Data set-up
and hold times must be adhered to with respect to the rising edge of WRITE. Data is stored in the
RAM array sequentially and independently of any ongoing read operation.
SOCP
Serial Output
Clock
I
A serial bit read cycle is initiated on the rising edge of SOCP if the Empty Flag (
EF) is not set. In
both Depth and Serial Word Width Expansion modes, all of the SOCP pins are tied together.
FL/DIR
First Load/
Direction
I
This is a dual purpose input used in the width and depth expansion configurations. The First
Load (
FL) function is programmed only during Reset (RS) and a LOW on FL indicates the first
device to be loaded with a byte of data. All other devices should be programmed HIGH. The
Direction (DIR) pin controls shift direction after Reset and tells the device whether to read out the
Least Significant or Most Significant bit first.
RSIX
Read Serial In
Expansion
I
In the single device configuration, RSIX is set HIGH. In depth expansion or daisy chain
expansion, RSIX is connected to RSOX (expansion out) of the previous device.
SO
Serial Output
O
Serial data is output on the Serial Output (SO) pin. Data is clocked out LSB or MSB depending
on the Direction pin programming. During Expansion the SO pins are tied together.
FF
Full Flag
O
When
FF goes LOW, the device is full and further WRITE operations are inhibited. When FF is
HIGH, the device is not full.
EF
Empty Flag
O
When
EF goes LOW, the device is empty and further READ operations are inhibited. When EF is
HIGH, the device is not empty.
HF
Half-Full Flag
O
When
HF is LOW, the device is more than half-full. When HF is HIGH, the device is empty to
half-full.
RSOX/
AEF Read Serial
Out Expansion
Almost-Empty,
Almost-Full
Flag
O
This is a dual purpose output. In the single device configuration (RSIX HIGH), this is an
AEF
output pin. When
AEF is LOW, the device is empty-to-(1/8 full -1) or (7/8 full +1)-to-full. When
AEF is HIGH, the device is 1/8-full up to 7/8-full. In the Expansion configuration (RSOX
connected to RSIX of the next device) a pulse is sent from RSOX to RSIX to coordinate the
width, depth or daisy chain expansion.
VCC
Power Supply
Single power supply of 5V.
GND
Ground
Single ground of 0V.
2665 tbl 01
PIN DESCRIPTIONS
DIP/SOIC
TOP VIEW
5
6
7
8
9
10
11
12
13
HF
D2
D3
D4
GND
1
2
3
4
14
28
27
26
25
24
23
22
21
RSOX/
AEF
FL/DIR
Vcc
SO
SOCP
20
19
18
17
16
15
D1
D 0
W
D13
D14
D15
P28-2
SO28-3
D12
FF
EF
RSIX
D5
D6
D7
D9
D10
D11
D8
RS
2665 drw 02a


Similar Part No. - IDT72125L25SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72125 IDT-IDT72125 Datasheet
246Kb / 11P
   CMOS PARALLEL-TO-SERIAL FIFO
logo
Renesas Technology Corp
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
logo
Integrated Device Techn...
IDT72125 IDT-IDT72125_16 Datasheet
246Kb / 11P
   CMOS PARALLEL-TO-SERIAL FIFO
More results

Similar Description - IDT72125L25SO

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
logo
Integrated Device Techn...
IDT72V11165 IDT-IDT72V11165 Datasheet
123Kb / 8P
   3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
STMicroelectronics
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
   16 x 16 PARALLEL CMOS MULTIPLIERS
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com