Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6168LA35DB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT6168LA35DB
Description  CMOS STATIC RAM 16K (4K x 4-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6168LA35DB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT6168LA35DB Datasheet HTML 1Page - Integrated Device Technology IDT6168LA35DB Datasheet HTML 2Page - Integrated Device Technology IDT6168LA35DB Datasheet HTML 3Page - Integrated Device Technology IDT6168LA35DB Datasheet HTML 4Page - Integrated Device Technology IDT6168LA35DB Datasheet HTML 5Page - Integrated Device Technology IDT6168LA35DB Datasheet HTML 6Page - Integrated Device Technology IDT6168LA35DB Datasheet HTML 7Page - Integrated Device Technology IDT6168LA35DB Datasheet HTML 8Page - Integrated Device Technology IDT6168LA35DB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2000 Integrated Device Technology, Inc.
FEBRUARY 2001
DSC-3090/05
1
Features
x
x
x
x
x
High-speed (equal access and cycle time)
– Military: 25/45ns (max.)
– Industrial: 25ns (max.)
– Commercial: 15/20/25ns (max.)
x
x
x
x
x
Low power consumption
x
x
x
x
x
Battery backup operation—2V data retention voltage
(IDT6168LA only)
x
x
x
x
x
Available in high-density 20-pin ceramic or plastic DIP and
20-pin leadless chip carrier (LCC)
x
x
x
x
x
Produced with advanced CMOS high-performance
technology
x
x
x
x
x
CMOS process virtually eliminates alpha particle
soft-error rates
x
x
x
x
x
Bidirectional data input and output
x
x
x
x
x
Military product compliant to MIL-STD-883, Class B
Description
The IDT6168 is a 16,384-bit high-speed static RAM organized
as 4K x 4. It is fabricated using lDT’s high-performance, high-reliability
Functional Block Diagram
A0
ADDRESS
DECODER
16,384-BIT
MEMORY ARRAY
I/O CONTROL
3090 drw 01
INPUT
DATA
CONTROL
WE
CS
VCC
GND
A11
I/O0
I/O1
I/O2
I/O3
,
CMOStechnology.Thisstate-of-the-arttechnology,combinedwithinno-
vative circuit design techniques, provides a cost-effective approach for
high-speed memory applications.
Access times as fast 15ns are available. The circuit also offers a
reduced power standby mode. When
CS goes HIGH, the circuit will
automaticallygoto,andremainin,astandbymodeaslongas
CSremains
HIGH.Thiscapabilityprovidessignificantsystem-levelpowerandcooling
savings. The low-power (LA) version also offers a battery backup data
retention capability where the circuit typically consumes only 1µW
operating off a 2V battery. All inputs and outputs of the IDT6168 are
TTL-compatible and operate from a single 5V supply.
The IDT6168 is packaged in either a space saving 20-pin, 300-mil
ceramic or plastic DIP or a 20-pin LCC providing high board-level
packingdensities.
Military grade product is manufactured in compliance with the
latest revision of MIL-STD-883, Class B, making it ideally suited to
military temperature applications demanding the highest level of
performance and reliability.
CMOS Static RAM
16K (4K x 4-Bit)
IDT6168SA
IDT6168LA


Similar Part No. - IDT6168LA35DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167 IDT-IDT6167 Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA IDT-IDT6167LA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100D IDT-IDT6167LA100D Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100DB IDT-IDT6167LA100DB Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100P IDT-IDT6167LA100P Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results

Similar Description - IDT6168LA35DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6178S IDT-IDT6178S Datasheet
72Kb / 7P
   CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com