Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71256S25Y Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71256S25Y
Description  CMOS STATIC RAM 256K (32K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71256S25Y Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71256S25Y Datasheet HTML 1Page - Integrated Device Technology IDT71256S25Y Datasheet HTML 2Page - Integrated Device Technology IDT71256S25Y Datasheet HTML 3Page - Integrated Device Technology IDT71256S25Y Datasheet HTML 4Page - Integrated Device Technology IDT71256S25Y Datasheet HTML 5Page - Integrated Device Technology IDT71256S25Y Datasheet HTML 6Page - Integrated Device Technology IDT71256S25Y Datasheet HTML 7Page - Integrated Device Technology IDT71256S25Y Datasheet HTML 8Page - Integrated Device Technology IDT71256S25Y Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1996
©1996 Integrated Device Technology, Inc.
DSC-2946/7
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• High-speed address/chip select time
— Military: 25/30/35/45/55/70/85/100/120/150ns (max.)
— Commercial: 20/25/35/45ns (max.) Low Power only.
• Low-power operation
• Battery Backup operation — 2V data retention
• Produced with advanced high-performance CMOS
technology
• Input and output directly TTL-compatible
• Available in standard 28-pin (300 or 600 mil) ceramic
DIP, 28-pin (600 mil) plastic DIP, 28-pin (300 mil) SOJ
and 32-pin LCC
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT71256 is a 262,144-bit high-speed static RAM
organized as 32K x 8. It is fabricated using IDT’s high-
performance, high-reliability CMOS technology.
Address access times as fast as 20ns are available with
power consumption of only 350mW (typ.). The circuit also
offers a reduced power standby mode. When
CS goes HIGH,
the circuit will automatically go to, and remain in, a low-power
standby mode as long as
CS remains HIGH. In the full standby
mode, the low-power device consumes less than 15
µW,
typically. This capability provides significant system level
power and cooling savings. The low-power (L) version also
offers a battery backup data retention capability where the
circuit typically consumes only 5
µW when operating off a 2V
battery.
The lDT71256 is packaged in a 28-pin (300 or 600 mil)
ceramic DIP, a 28-pin 300 mil J-bend SOlC, and a 28-pin (600
mil) plastic DIP, and 32-pin LCC providing high board-level
packing densities.
The IDT71256 military RAM is manufactured in compliance
with the latest revision of MIL-STD-883, Class B, making it
ideally suited to military temperature applications demanding
the highest level of performance and reliability.
1
FUNCTIONAL BLOCK DIAGRAM
A
ADDRESS
DECODER
262,144 BIT
MEMORY ARRAY
I/O CONTROL
2946 drw 01
INPUT
DATA
CIRCUIT
WE
CS
V CC
GND
0
A14
I/O 0
I/O 7
CONTROL
CIRCUIT
OE
7.2
CMOS STATIC RAM
256K (32K x 8-BIT)
IDT71256S
IDT71256L


Similar Part No. - IDT71256S25Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT71256S ETC2-IDT71256S Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA IDT-IDT71256SA Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit) Low power consumption via chip deselect
IDT71256SA IDT-IDT71256SA Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA12PZ IDT-IDT71256SA12PZ Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
More results

Similar Description - IDT71256S25Y

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com