Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8453LZ_F085 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD8453LZ_F085
Description  N-Channel Power Trench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8453LZ_F085 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD8453LZ_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDD8453LZ_F085 Rev. C1
www.fairchildsemi.com
2
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
40
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
- Continuous (Package limited)
TC = 25°C
50
A
-Pulsed
Figure4
EAS
Single Pulse Avalanche Energy
(Note 1)
88
mJ
PD
Power Dissipation
118
W
Dreate above 25oC0.79
W/oC
TJ, TSTG Operating and Storage Temperature
-55 to + 175
oC
RθJC
Thermal Resistance Junction to Case
1.27
oC/W
RθJA
Thermal Resistance Junction to Ambient, 1in2 copper pad area
52
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD8453LZ
FDD8453LZ_F085
D-PAK(TO-252)
13”
12mm
2500 units
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V
40
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 32V,
-
-
1
μA
VGS = 0V
TC = 150oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±10
uA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250μA
1.0
1.8
3.0
V
rDS(on)
Drain to Source On Resistance
ID = 15A, VGS= 10V
-
5.0
6.5
m
Ω
ID = 13A, VGS= 4.5V
-
6.0
7.8
m
Ω
ID = 15A, VGS= 10V TJ=175oC
-
9.4
12.2
m
Ω
gFS
Forward Transconductance
VDS = 5V, ID = 15A
-
91
-
S
Ciss
Input Capacitance
VDS = 20V, VGS = 0V,
f = 1MHz
-
2935
-
pF
Coss
Output Capacitance
-
340
-
pF
Crss
Reverse Transfer Capacitance
-
260
-
pF
Rg
Gate Resistance
f = 1MHz
-
1.8
-
Ω
Qg(ToT)
Total Gate Charge at 10V
VGS = 0 to 10V
VDD = 20V
ID = 15A
Ig=1mA
-60
78
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0 to 5V
-
32
42
nC
Qgs
Gate to Source Gate Charge
-7.5
-
nC
Qgd
Gate to Drain “Miller“ Charge
-
13
-
nC


Similar Part No. - FDD8453LZ_F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD8453LZ-F085 ONSEMI-FDD8453LZ-F085 Datasheet
510Kb / 8P
   N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
August-2017,Rev. 3
logo
Fairchild Semiconductor
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085_12 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
More results

Similar Description - FDD8453LZ_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86260 FAIRCHILD-FDMC86260 Datasheet
251Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDB42AN15_F085 FAIRCHILD-FDB42AN15_F085 Datasheet
350Kb / 6P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDD9410-F085 ONSEMI-FDD9410-F085 Datasheet
706Kb / 7P
   N-Channel Power Trench짰 MOSFET
August-2017, Rev3
logo
Fairchild Semiconductor
FDMC86102LZ FAIRCHILD-FDMC86102LZ Datasheet
266Kb / 7P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDMS5360L-F085 ONSEMI-FDMS5360L-F085 Datasheet
854Kb / 6P
   N-Channel Power Trench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDBL0630N150 FAIRCHILD-FDBL0630N150 Datasheet
501Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDD120AN15_F085 FAIRCHILD-FDD120AN15_F085 Datasheet
365Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDMC7692 FAIRCHILD-FDMC7692_10 Datasheet
215Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86240 FAIRCHILD-FDMC86240 Datasheet
321Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC7678 FAIRCHILD-FDMC7678 Datasheet
260Kb / 7P
   N-Channel Power Trench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com