Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723632 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT723632
Description  CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723632 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT723632 Datasheet HTML 5Page - Integrated Device Technology IDT723632 Datasheet HTML 6Page - Integrated Device Technology IDT723632 Datasheet HTML 7Page - Integrated Device Technology IDT723632 Datasheet HTML 8Page - Integrated Device Technology IDT723632 Datasheet HTML 9Page - Integrated Device Technology IDT723632 Datasheet HTML 10Page - Integrated Device Technology IDT723632 Datasheet HTML 11Page - Integrated Device Technology IDT723632 Datasheet HTML 12Page - Integrated Device Technology IDT723632 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
5.22
9
IDT723622/723632/723642 CMOS SyncBiFIFO
256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
COMMERCIAL TEMPERATURE RANGE
NOTES:
1. Writing data to the mail1 register when the B0-B35 outputs are active and MBB is HIGH.
2. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY VOLTAGE
AND OPERATING FREE-AIR TEMPERATURE, CL = 30 pF
723622L15
723622L20
723622L30
723632L15
723632L20
723632L30
723642L15
723642L20
723642L30
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tA
Access Time, CLKA
↑ to A0-A35 and CLKB↑
311
3
13
315
ns
to B0-B35
tPIR
Propagation Delay Time, CLKA
↑ to IRA and
2
8
2
10
2
12
ns
CLKB
↑ to IRB
tPOR
Propagation Delay Time, CLKA
↑ to ORA and
1
8
1
10
1
12
ns
CLKB
↑ to ORB
tPAE
Propagation Delay Time, CLKA
↑ to AEA and
1
8
1
10
1
12
ns
CLKB
↑ to AEB
tPAF
Propagation Delay Time, CLKA
↑ to AFA and
1
8
1
10
1
12
ns
and CLKB
↑ to AFB
tPMF
Propagation Delay Time, CLKA
↑ to MBF1 LOW or
0
8
0
10
0
12
ns
MBF2 HIGH and CLKB↑ to MBF2 LOW or MBF1
HIGH
tPMR
Propagation Delay Time, CLKA
↑ to B0-B35(1) and
3
13.5
3
15
3
17
ns
CLKB
↑ to A0-A35(2)
tMDV
Propagation Delay Time, MBA to A0-A35 valid and
3
11
3
13
3
15
ns
MBB to B0-B35 Valid
tPRF
Propagation Delay Time,
RST1 LOW to AEB LOW,
1
15
1
20
1
30
ns
AFA HIGH, and MBF1 HIGH, and RST2 LOW to
AEA LOW, AFB HIGH, and MBF2 HIGH
tEN
Enable Time,
CSA and W/RA LOW to A0-A35 Active
2
12
2
13
2
14
ns
and
CSB LOW and W/RB HIGH to B0-B35 Active
tDIS
Disable Time,
CSA or W/RA HIGH to A0-A35 at
1
8
1
10
1
11
ns
high impedance and
CSB HIGH or W/RB LOW
to B0-B35 at HIGH impedance


Similar Part No. - IDT723632

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723632 IDT-IDT723632 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
More results

Similar Description - IDT723632

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT723612 IDT-IDT723612 Datasheet
350Kb / 29P
   BiCMOS SyncBiFIFOO 64 x 36 x 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com