Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72413 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72413
Description  CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72413 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72413 Datasheet HTML 3Page - Integrated Device Technology IDT72413 Datasheet HTML 4Page - Integrated Device Technology IDT72413 Datasheet HTML 5Page - Integrated Device Technology IDT72413 Datasheet HTML 6Page - Integrated Device Technology IDT72413 Datasheet HTML 7Page - Integrated Device Technology IDT72413 Datasheet HTML 8Page - Integrated Device Technology IDT72413 Datasheet HTML 9Page - Integrated Device Technology IDT72413 Datasheet HTML 10Page - Integrated Device Technology IDT72413 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
5.02
10
IDT72413
CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
APPLICATIONS
2748 drw 16
SYSTEM 1
ENBL SI
TWO
IDT72413
64 x 8
OR
SO
IR
SI
8-BITS
8-BITS
SYSTEM 2
IO RDY
ALMOST-FULL/
EMPTY
HALF-FULL FLAG
INTERRUPT
INTERRUPT
NOTE:
1. Cascading the FIFOs in word width is done by ANDing the IR and OR as shown in Figure 13.
Figure 14. Application for IDT72413 for Two Asynchronous Systems
2748 drw 15
D0
D1
D2
D3
IR
SI
Q0
Q1
Q2
Q3
SO
OR
MR
COMPOSITE
OUTPUT
READY
SHIFT IN
COMPOSITE
INPUT
READY
HF
AF/E
OE
D4
Q4
D0
D1
D2
D3
IR
SI
Q0
Q1
Q2
Q3
SO
OR
MR
HF
AF/E
OE
D4
Q4
D0
D1
D2
D3
IR
SI
Q0
Q1
Q2
Q3
SO
OR
MR
HF
AF/E
OE
D4
Q4
OUTPUT
ENABLE
MASTER
RESET
SHIFT OUT
NOTE:
1. FIFOs are expandable in width. However, in forming wider words two external gates are required to generate composite Input and Output Ready
flags. This requirement is due to the different fall-through times of the FIFOs.
Figure 13. 64 x 15 FIFO with IDT72413


Similar Part No. - IDT72413

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results

Similar Description - IDT72413

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
   8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Renesas Technology Corp
IDT72401 RENESAS-IDT72401 Datasheet
320Kb / 10P
   CMOS PARALLEL FIFO
JUNE 2012
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com