Electronic Components Datasheet Search |
|
IDT7142LA20J Datasheet(PDF) 11 Page - Integrated Device Technology |
|
IDT7142LA20J Datasheet(HTML) 11 Page - Integrated Device Technology |
11 / 11 page 6.02 11 IDT7132SA/LA AND IDT7142SA/LA HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM MILITARY AND COMMERCIAL TEMPERATURE RANGES WIDTH EXPANSION WITH BUSY LOGIC MASTER/SLAVE ARRAYS When expanding an RAM array in width while using busy logic, one master part is used to decide which side of the RAM array will receive a busy indication, and to output that indica- tion. Any number of slaves to be addressed in the same address range as the master, use the busy signal as a write inhibit signal. Thus on the IDT7130/IDT7140 RAM the busy pin is an output if the part is used as a master (M/ S pin = VIH), and the busy pin is an input if the part used as a slave (M/ S pin = VIL) as shown in Figure 4. Figure 4. Busy and chip enable routing for both width and depth expansion with IDT7132 (Master) and IDT7142 (Slave) RAMs. +5V R/ W BUSY R/ W BUSY IDT7132 MASTER +5V R/ W BUSY R/ W BUSY R/ W BUSY IDT7142 SLAVE R/ W BUSY (1) LEFT RIGHT 2692 drw 15 IDT7142 SLAVE 270 Ω 270 Ω If two or more master parts were used when expanding in width, a split decision could result with one master indicating busy on one side of the array and another master indicating busy on one other side of the array. This would inhibit the write operations from one port for part of a word and inhibit the write operations from the other port for the other part of the word. The busy arbitration, on a master, is based on the chip enable and address signals only. It ignores whether an access is a read or write. In a master/slave array, both address and chip enable must be valid long enough for a busy flag to be output from the master before the actual write pulse can be initiated with either the R/ W signal or the byte enables. Failure to observe this timing can result in a glitched internal write inhibit signal and corrupted data in the slave. 48-pin Plastic DIP (P48-1) 48-pin Sidebraze DIP (C48-2) 52-pin PLCC (J52-1) 48-pin LCC (L48-1) 48-pin Ceramic Flatpack (F48-1) XXXX IDT Device Type A 999 A A Power Speed Package Process/ Temperature Range 7132 7142 Speed in nanoseconds 16K (2K x 8-Bit) MASTER Dual-Port RAM 16K (2K x 8-Bit) SLAVE Dual-Port RAM Commercial PLCC Only 2692 drw 16 Blank B P C J L48 F 20 25 35 55 100 LA SA Commercial (0 °C to +70°C) Military (–55 °C to +125°C) Compliant to MIL-STD-883, Class B Low Power Standard Power ORDERING INFORMATION |
Similar Part No. - IDT7142LA20J |
|
Similar Description - IDT7142LA20J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |