Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM6132 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM6132
Description  1.4MHz Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM6132 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM6132 Datasheet HTML 1Page - SG Micro Corp SGM6132 Datasheet HTML 2Page - SG Micro Corp SGM6132 Datasheet HTML 3Page - SG Micro Corp SGM6132 Datasheet HTML 4Page - SG Micro Corp SGM6132 Datasheet HTML 5Page - SG Micro Corp SGM6132 Datasheet HTML 6Page - SG Micro Corp SGM6132 Datasheet HTML 7Page - SG Micro Corp SGM6132 Datasheet HTML 8Page - SG Micro Corp SGM6132 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SGM6132
3A, 28.5V, 1.4MHz Step-Down Converter
3
SG Micro Corp
www.sg-micro.com
PIN CONFIGURATION (TOP VIEW)
3
1
2
SOIC-8 (Exposed Pad)
GND
BS
SW
4
6
8
7
5
IN
FB
SS
COMP
EN
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
BS
High-side Gate Drive Boost Input. BS supplies the driver for the high-side N-Channel MOSFET
switch. Connect a 10nF or greater capacitor from SW to BS to power the high-side switch. A 10Ω
resistor placed between SW and BS cap is strongly recommended to reduce SW spike voltage.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter switches. Drive
IN with a 4.5V to 28.5V power source. Bypass IN to GND with a sufficiently large capacitor to
eliminate noise on the input to the IC.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output. Connect
the output LC filter from SW to the output load. Note that a capacitor is required from SW to BS
to power the high-side switch.
4
GND
Ground. (Connect the exposed pad on backside to pin 4.)
5
FB
Feedback Input. The voltage at this pin is regulated to 0.8V. Connected to the resistor divider
between output and ground to set output voltage.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect a
series RC network from COMP to GND to compensate the regulation control loop. In some
cases, an additional capacitor from COMP to GND is required.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the
regulator, and drive EN low to turn it off. Output voltage is discharged when the IC is off. For
automatic startup, leave EN unconnected.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor from SS to GND
to set the soft-start period. A 0.1µF capacitor sets the soft-start period to 10ms. To disable the
soft-start feature, leave SS unconnected.
Exposed
Pad
GND
Power Ground Exposed Pad. Must be connected to GND plane.


Similar Part No. - SGM6132

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
More results

Similar Description - SGM6132

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
   1.5A, 23V, 1.4MHz Step-Down Converter
logo
Feeling Technology Corp...
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
   2A, 23V, 1.4MHz Step-Down Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232_17 Datasheet
1Mb / 14P
   2A, 38V, 1.4MHz Step-Down Converter
logo
SHOUDING Shouding Semic...
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
   1.4MHz, 1.5A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com