Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6198S20YB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT6198S20YB
Description  CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6198S20YB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT6198S20YB Datasheet HTML 1Page - Integrated Device Technology IDT6198S20YB Datasheet HTML 2Page - Integrated Device Technology IDT6198S20YB Datasheet HTML 3Page - Integrated Device Technology IDT6198S20YB Datasheet HTML 4Page - Integrated Device Technology IDT6198S20YB Datasheet HTML 5Page - Integrated Device Technology IDT6198S20YB Datasheet HTML 6Page - Integrated Device Technology IDT6198S20YB Datasheet HTML 7Page - Integrated Device Technology IDT6198S20YB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1994
©1994 Integrated Device Technology, Inc.
DSC-1010/4
®
CMOS STATIC RAM
64K (16K x 4-BIT)
with Output Control
IDT6198S
IDT6198L
FEATURES:
• High-speed (equal access and cycle times)
— Military: 20/25/35/45/55/70/85ns (max.)
— Commercial: 15/20/25/35ns (max.)
• Output Enable (
OE) pin available for added system flexibility
• Low-power consumption
• JEDEC compatible pinout
• Battery back-up operation—2V data retention (L version
only)
• 24-pin CERDIP, high-density 28-pin leadless chip carrier,
and 24-pin SOJ
• Produced with advanced CMOS technology
• Bidirectional data inputs and outputs
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT6198 is a 65,536-bit high-speed static RAM orga-
nized as 16K x 4. It is fabricated using IDT’s high-perfor-
mance, high-reliability technology—CMOS. This state-of-the-
art technology, combined with innovative circuit design tech-
niques, provides a cost-effective approach for memory inten-
sive applications. Timing parameters have been specified to
meet the speed demands of the IDT79R3000 RISC proces-
sors.
Access times as fast as 15ns are available. The IDT6198
offers a reduced power standby mode, ISB1, which is activated
when
CS goes HIGH. This capability significantly decreases
system, while enhancing system reliability. The low-power
version (L) also offers a battery backup data retention capa-
bility where the circuit typically consumes only 30
µW when
operating from a 2V battery.
All inputs and outputs are TTL-compatible and operate
from a single 5V supply.
The IDT6198 is packaged in either a 24-pin 300 mil CERDIP,
28-pin leadless chip carrier or 24-pin J-bend small outline IC.
Military grade product is manufactured in compliance with
the latest revision of MIL-STD-883, Class B, making it ideally
suited to military temperature applications demanding the
highest level of performance and reliability.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
A0
DECODER
65,536-BIT
MEMORY ARRAY
COLUMN I/O
2987 drw 01
INPUT
DATA
CONTROL
WE
CS
VCC
GND
A13
I/O0
I/O1
I/O2
I/O3
OE
FUNCTIONAL BLOCK DIAGRAM
1
6.3


Similar Part No. - IDT6198S20YB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
More results

Similar Description - IDT6198S20YB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com