Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V35781YS200BG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71V35781YS200BG
Description  128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V35781YS200BG Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71V35781YS200BG Datasheet HTML 1Page - Integrated Device Technology IDT71V35781YS200BG Datasheet HTML 2Page - Integrated Device Technology IDT71V35781YS200BG Datasheet HTML 3Page - Integrated Device Technology IDT71V35781YS200BG Datasheet HTML 4Page - Integrated Device Technology IDT71V35781YS200BG Datasheet HTML 5Page - Integrated Device Technology IDT71V35781YS200BG Datasheet HTML 6Page - Integrated Device Technology IDT71V35781YS200BG Datasheet HTML 7Page - Integrated Device Technology IDT71V35781YS200BG Datasheet HTML 8Page - Integrated Device Technology IDT71V35781YS200BG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
6.42
4
IDT71V35761, IDT71V35781, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
3.3V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
100 Pin TQFP Capacitance
(TA = +25°C, f = 1.0MHz)
Recommended Operating
Temperature and Supply Voltage
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VDD terminals only.
3. VDDQ terminals only.
4. Input terminals only.
5. I/O terminals only.
6. This is a steady-state DC parameter that applies after the power supplies have
ramped up. Power supply sequencing is not necessary; however, the voltage
on any input or I/O pin cannot exceed VDDQ during power supply ramp up.
7. TA is the "instant on" case temperature.
Recommended DC Operating
Conditions
NOTES:
1. VIH (max) = VDDQ + 1.0V for pulse width less than tCYC/2, once per cycle.
2. VIL (min) = -1.0V for pulse width less than tCYC/2, once per cycle.
NOTE:
1. This parameter is guaranteed by device characterization, but not production tested.
Symbol
Rating
Commercial &
Industrial
Unit
VTERM(2)
Terminal Voltage with
Respect to GND
-0.5 to +4.6
V
VTERM(3,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD
V
VTERM(4,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD +0.5
V
VTERM(5,6)
Terminal Voltage with
Respect to GND
-0.5 to VDDQ +0.5
V
TA(7)
Commercial
Operating Temperature
-0 to +70
oC
Industrial
Operating Temperature
-40 to +85
oC
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-55 to +125
oC
PT
Power Dissipation
2.0
W
IOUT
DC Output Current
50
mA
5301 tbl 03
Grade
Temperature(1)
VSS
VDD
VDDQ
Commercial
0°C to +70°C
0V
3.3V±5%
3.3V±5%
Industrial
-40°C to +85°C
0V
3.3V±5%
3.3V±5%
5301 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDQ
I/O Supply Voltage
3.135
3.3
3.465
V
VSS
Supply Voltage
0
0
0
V
VIH
Input High Voltage - Inputs
2.0
____
VDD +0.3
V
VIH
Input High Voltage - I/O
2.0
____
VDDQ +0.3(1)
V
VIL
Input Low Voltage
-0.3(2)
____
0.8
V
5301 tbl 06
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
5
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5301 tbl 07
119 BGA Capacitance
(TA = +25°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5301 tbl 07a
NOTES:
1. TA is the "instant on" case temperature.
165 fBGA Capacitance
(TA = +25°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5301 tbl 07b


Similar Part No. - IDT71V35781YS200BG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3578S IDT-IDT71V3578S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3578S IDT-IDT71V3578S Datasheet
220Kb / 18P
   3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3578S133BG IDT-IDT71V3578S133BG Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3578S133BGI IDT-IDT71V3578S133BGI Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V3578S133BQ IDT-IDT71V3578S133BQ Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
More results

Similar Description - IDT71V35781YS200BG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V3576S RENESAS-71V3576S Datasheet
288Kb / 19P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.01.20
71V35761S RENESAS-71V35761S Datasheet
319Kb / 23P
   128K x 36 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
May.18.20
logo
Integrated Device Techn...
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V67803 IDT-IDT71V67803 Datasheet
986Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67603S150PFI IDT-IDT71V67603S150PFI Datasheet
430Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67603S150PFI8 IDT-IDT71V67603S150PFI8 Datasheet
430Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
71V67603 RENESAS-71V67603 Datasheet
302Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
Sep.13.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com