Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8053 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8053
Description  250MHz, Rail-to-Rail Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8053 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8053 Datasheet HTML 1Page - SG Micro Corp SGM8053 Datasheet HTML 2Page - SG Micro Corp SGM8053 Datasheet HTML 3Page - SG Micro Corp SGM8053 Datasheet HTML 4Page - SG Micro Corp SGM8053 Datasheet HTML 5Page - SG Micro Corp SGM8053 Datasheet HTML 6Page - SG Micro Corp SGM8053 Datasheet HTML 7Page - SG Micro Corp SGM8053 Datasheet HTML 8Page - SG Micro Corp SGM8053 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
250MHz, Rail-to-Rail Output
CMOS Operational Amplifiers
3
SG Micro Corp
www.sg-micro.com
SGM8051/2/3/4/5
PIN CONFIGURATIONS (TOP VIEW)
OUTA
OUTB
+INB
+VS
5
6
7
8
1
2
3
4
-INA
+INA
-VS
-INB
SGM8052
SOIC-8/MSOP-8
(SGM8053 ONLY)
-IN
+IN
-VS
NC
5
6
7
8
1
2
3
4
+VS
SGM8051/8053
SOIC-8
NC
OUT
DISABLE
NC = NO CONNECT
+VS
-IN
3
4
5
1
2
OUT
-VS
+IN
SGM8051
SOT-23-5
OUT
3
4
5
6
1
2
-VS
+IN
+VS
DISABLE
-IN
SOT-23-6
SGM8053
10
11
12
13
14
1
2
3
4
5
OUTA
-INA
+INA
-VS
+VS
-IND
+IND
SGM8054
TSSOP-14/SOIC-14
6
7
9
8
-INB
+INB
-INC
OUTB
OUTC
+INC
OUTD
NC = NO CONNECT
6
5
OUTA
OUTB
+INB
+VS
7
8
9
10
1
2
3
4
-INA
+INA
-VS
-INB
SGM8055
MSOP-10
DISABLE
DISABLE


Similar Part No. - SGM8053

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8053 SGMICRO-SGM8053 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8053 SGMICRO-SGM8053 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8053 SGMICRO-SGM8053 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8053 SGMICRO-SGM8053 Datasheet
896Kb / 20P
   CMOS Operational Amplifiers
SGM8053XN6/TR SGMICRO-SGM8053XN6/TR Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8053

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI-OPA354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com