Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8054 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM8054
Description  250MHz, Rail-to-Rail Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8054 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM8054 Datasheet HTML 1Page - SG Micro Corp SGM8054 Datasheet HTML 2Page - SG Micro Corp SGM8054 Datasheet HTML 3Page - SG Micro Corp SGM8054 Datasheet HTML 4Page - SG Micro Corp SGM8054 Datasheet HTML 5Page - SG Micro Corp SGM8054 Datasheet HTML 6Page - SG Micro Corp SGM8054 Datasheet HTML 7Page - SG Micro Corp SGM8054 Datasheet HTML 8Page - SG Micro Corp SGM8054 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
250MHz, Rail-to-Rail Output
CMOS Operational Amplifiers
5
SG Micro Corp
www.sg-micro.com
SGM8051/2/3/4/5
TYPICAL PERFORMANCE CHARACTERISTICS
At TA= +25
℃, VS = +5V, G = +2, RF = 887Ω, RG = 887Ω, and RL = 150Ω connected to VS/2, unless otherwise noted.
Non-Inverting Small Signal Frequency Response
-15
-12
-9
-6
-3
0
3
1
10
100
1000
Frequency (MHz)
G = +5
VO = 0.1VP-P
G = +10
G = +2
G = +1
RF = 24Ω
Inverting Small Signal Frequency Response
-15
-12
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (MHz)
G = -1
VO = 0.1VP-P
G= -10
G= -5
G= -2
Frequency Response For Various RL
-15
-12
-9
-6
-3
0
3
1
10
100
1000
Frequency (MHz)
CL = 0pF
VO = 0.1VP-P
RL = 10kΩ
RL = 1kΩ
RL = 150Ω
RL = 50Ω
0.1dB Gain Flatness For Various RF
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
10
100
Frequency (MHz)
VO = 0.1VP-P
RF = 1kΩ
RF = 900Ω
RF = 887Ω
CL = 0pF
Frequency Response For Various CL
-15
-12
-9
-6
-3
0
3
6
9
1
10
100
1000
Frequency (MHz)
RS = 0Ω
VO = 0.1VP-P
CL = 100pF
CL = 47pF
CL = 6pF
Frequency Response vs. Capacitive Load
-15
-12
-9
-6
-3
0
3
1
10
100
1000
Frequency (MHz)
VO = 0.1VP-P
CL = 6pF
RS = 100Ω
CL = 47pF
RS = 66.5Ω
CL = 100pF
RS = 37.4Ω


Similar Part No. - SGM8054

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8054 SGMICRO-SGM8054 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8054 SGMICRO-SGM8054 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8054 SGMICRO-SGM8054 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8054 SGMICRO-SGM8054 Datasheet
896Kb / 20P
   CMOS Operational Amplifiers
SGM8054XS SGMICRO-SGM8054XS Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8054

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI-OPA354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com