Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8067 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM8067
Description  CMOS Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8067 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM8067_15 Datasheet HTML 1Page - SG Micro Corp SGM8067_15 Datasheet HTML 2Page - SG Micro Corp SGM8067_15 Datasheet HTML 3Page - SG Micro Corp SGM8067_15 Datasheet HTML 4Page - SG Micro Corp SGM8067_15 Datasheet HTML 5Page - SG Micro Corp SGM8067_15 Datasheet HTML 6Page - SG Micro Corp SGM8067_15 Datasheet HTML 7Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1.5GHz, Rail-to-Rail Output
SGM8067
CMOS Operational Amplifier
4
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VS = +5V, unless otherwise noted.
Non-inverting Small Signal Frequency Response
-15
-12
-9
-6
-3
0
3
6
1
10
100
1000
Frequency (MHz)
G = +3
Vo = 0.1VP-P
RL = 50Ω
G = +5
G = +10
Non-inverting Small Signal Frequency Response
-15
-12
-9
-6
-3
0
3
6
1
10
100
1000
Frequency(MHz)
G = +5
Vo = 0.1VP-P
RL = 150Ω
G = +6
G = +10
Non-inverting Small Signal Frequency Response
-15
-12
-9
-6
-3
0
3
1
10
100
1000
Frequency (MHz)
Vo = 0.1VP-P
RL = 1KΩ
G = +10


Similar Part No. - SGM8067_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8067XS SGMICRO-SGM8067XS Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8067XS/TR SGMICRO-SGM8067XS/TR Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8067_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
logo
Texas Instruments
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
Texas Instruments
OPA373 TI1-OPA373_16 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com