Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8091 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM8091
Description  CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8091 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM8091_15 Datasheet HTML 1Page - SG Micro Corp SGM8091_15 Datasheet HTML 2Page - SG Micro Corp SGM8091_15 Datasheet HTML 3Page - SG Micro Corp SGM8091_15 Datasheet HTML 4Page - SG Micro Corp SGM8091_15 Datasheet HTML 5Page - SG Micro Corp SGM8091_15 Datasheet HTML 6Page - SG Micro Corp SGM8091_15 Datasheet HTML 7Page - SG Micro Corp SGM8091_15 Datasheet HTML 8Page - SG Micro Corp SGM8091_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SGM8091/2/3/4
350MHz, Rail-to-Rail Output
CMOS Operational Amplifiers
PRODUCT DESCRIPTION
The SGM8091/8093(single), SGM8092 (dual), SGM8094
(quad) are rail-to-rail output voltage feedback amplifiers
offering ease of use and low cost. They have bandwidth
and slew rate typically found in current feedback
amplifiers. All have a wide input common mode voltage
range and output voltage swing, making them easy to
use on single supplies as low as 2.5V.
Despite being low cost, the SGM8091 series provide
excellent
overall
performance.
They
offer
wide
bandwidth to 350MHz (G=+1) along with 0.1 dB flatness
out to 125MHz (G = +1) and offer a typical low power of
4.3mA/amplifier.
The SGM8091 series are low distortion and fast settling
make them ideal for buffering high speed A/D or D/A
converters. The SGM8093 has a power-down disable
feature that reduces the supply current to 75μA. These
features make the SGM8093 ideal for portable and
battery-powered applications where size and power are
critical. All are specified over the extended -40
℃ to
+125
℃ temperature range.
PIN CONFIGURATIONS (TOP VIEW)
+VS
-IN
3
4
5
1
2
OUT
-VS
+IN
SGM8091
SOT-23-5
OUT
3
4
5
6
1
2
-VS
+IN
+VS
DISABLE
-IN
SOT-23-6
SGM8093
OUT A
OUT B
+IN2
+VS
5
6
7
8
1
2
3
4
-IN1
+IN1
-VS
-IN2
SGM8092
SOIC-8 / MSOP-8
-IN
+IN
-VS
NC
(SGM8093 ONLY)
1
2
3
4
5
6
7
8
+VS
SGM8091/8093
SOIC-8
NC
OUT
DISABLE
NC = NO CONNECT
10
11
12
13
14
1
2
3
4
5
OUT A
-IN A
+IN A
-VS
+VS
-IND
+IND
SGM8094
TSSOP-14 / SOIC-14
6
7
9
8
-INB
+INB
-INC
OUT B
OUT C
+INC
OUT D
FEATURES
 Rail-to-Rail Output
2mV Typical VOS
 High Speed
350MHz, -3dB Bandwidth (G = +1)
265V/μs, Slew Rate
32ns Settling Time to 0.1% with 2V Step
 Supply Voltage Range: 2.5V to 5.5V
 Input Voltage Range: -0.2V to +3.8V with VS = 5V
 Excellent Video Specs (RL = 150Ω, G = +2)
Gain Flatness 0.1dB to 70MHz
Diff Gain: 0.004%, Diff Phase: 0.08 Degree
 Low Supply Current
4.3mA/Amplifier (TYP)
75μA Shutdown Current for SGM8093
 Small Packaging
SGM8091 Available in SOIC-8 and SOT-23-5
SGM8092 Available in SOIC-8 and MSOP-8
SGM8093 Available in SOIC-8 and SOT-23-6
SGM8094 Available in SOIC-14 and TSSOP-14
APPLICATIONS
Imaging
Photodiode Preamp
Professional Video and Cameras
Hand Sets
DVD/CD
Base Stations
Filters
A - to - D Driver
Small Signal Frequency Response
-15
-12
-9
-6
-3
0
3
1
10
100
1000
Frequency (MHz)
G = +1
RL = 1kΩ
RF = 24Ω
G = +2
RL = 150Ω
RF = 600Ω
VO = 0.1VP-P
REV. B. 4
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM8091_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8091XN5/TR SGMICRO-SGM8091XN5/TR Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8091XS SGMICRO-SGM8091XS Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8091XS/TR SGMICRO-SGM8091XS/TR Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8091_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com