Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8092 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM8092
Description  CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8092 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM8092 Datasheet HTML 1Page - SG Micro Corp SGM8092 Datasheet HTML 2Page - SG Micro Corp SGM8092 Datasheet HTML 3Page - SG Micro Corp SGM8092 Datasheet HTML 4Page - SG Micro Corp SGM8092 Datasheet HTML 5Page - SG Micro Corp SGM8092 Datasheet HTML 6Page - SG Micro Corp SGM8092 Datasheet HTML 7Page - SG Micro Corp SGM8092 Datasheet HTML 8Page - SG Micro Corp SGM8092 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
350MHz, Rail-to-Rail Output
SGM8091/2/3/4
CMOS Operational Amplifiers
5
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VS = +5V, G = +2, RF = 600Ω, RG = 600Ω, and RL= 150Ω connected to VS/2, unless otherwise noted.
Non-Inverting Small Signal Step Response
Non-Inverting Large Signal Step Response
Time (50ns/div)
Time (50ns/div)
Large-Signal Disable/Enable Response
-1
0
1
2
3
4
5
6
Time (500ns/div)
Enabled
VS = 5V
G = +2
fIN = 2MHz
Disabled
VOUT = 2V
Composite Video Differential Gain and Phase
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
123
4
Number of 150Ω Loads
dG
dP
Maximum Output Voltage vs. Frequency
0
1
2
3
4
5
6
1
10
100
Frequency (MHz)
Maximum Output Voltage
without Slew-Rate
Induced Distortion
VS = 5.5V
VS = 2.7V
Rail-to-Rail
4.88V
0V
G = +2
RF = 600Ω
RL = 1kΩ
Time (200ns/div)


Similar Part No. - SGM8092

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8092 SGMICRO-SGM8092 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8092 SGMICRO-SGM8092 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8092XMS SGMICRO-SGM8092XMS Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8092XMS/TR SGMICRO-SGM8092XMS/TR Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8092XS SGMICRO-SGM8092XS Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8092

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com