Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8092 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM8092
Description  CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8092 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM8092_15 Datasheet HTML 4Page - SG Micro Corp SGM8092_15 Datasheet HTML 5Page - SG Micro Corp SGM8092_15 Datasheet HTML 6Page - SG Micro Corp SGM8092_15 Datasheet HTML 7Page - SG Micro Corp SGM8092_15 Datasheet HTML 8Page - SG Micro Corp SGM8092_15 Datasheet HTML 9Page - SG Micro Corp SGM8092_15 Datasheet HTML 10Page - SG Micro Corp SGM8092_15 Datasheet HTML 11Page - SG Micro Corp SGM8092_15 Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
350MHz, Rail-to-Rail Output
SGM8091/2/3/4
CMOS Operational Amplifiers
8
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VS = +5V, G = +2, RF = 600Ω, RG = 600Ω, and RL= 150Ω connected to VS/2, unless otherwise noted.
Overload Recovery Time
Time (25ns/div)
VS = ±2.5V
VIN = 2.32V
G = +2
2.5V
0V
2.32V
Channel Separation vs. Frequency
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
0.1
1
10
100
1000
Frequency (MHz)
Offset Voltage Production Distribution
0
2
4
6
8
10
12
14
16
18
20
22
-8 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8
Offset Voltage (mV)
Typical production
distribution of
packaged units.


Similar Part No. - SGM8092_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8092XMS SGMICRO-SGM8092XMS Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8092XMS/TR SGMICRO-SGM8092XMS/TR Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8092XS SGMICRO-SGM8092XS Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8092XS/TR SGMICRO-SGM8092XS/TR Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8092_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com