Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8272 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM8272
Description  Output Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8272 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM8272 Datasheet HTML 2Page - SG Micro Corp SGM8272 Datasheet HTML 3Page - SG Micro Corp SGM8272 Datasheet HTML 4Page - SG Micro Corp SGM8272 Datasheet HTML 5Page - SG Micro Corp SGM8272 Datasheet HTML 6Page - SG Micro Corp SGM8272 Datasheet HTML 7Page - SG Micro Corp SGM8272 Datasheet HTML 8Page - SG Micro Corp SGM8272 Datasheet HTML 9Page - SG Micro Corp SGM8272 Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
High Voltage Rail-to-Rail
Output Operational Amplifiers
6
SGM8271/2/4
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS: VS = ±5V
(At RL = 2kΩ connected to 0V, unless otherwise noted.)
SGM8271/2/4
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITIONS
+25
+25
-40
℃ to
85
-40
℃ to
125
UNITS
MIN/
MAX
Input Offset Voltage (VOS)
VCM = 0V
0.6
3.0
3.8
3.9
mV
MAX
Input Offset Voltage Drift (ΔVOST)
3
μV/
TYP
Input Bias Current (IB)
20
pA
TYP
Input Offset Current (IOS)
20
pA
TYP
Open-Loop Voltage Gain (AOL)
VOUT = -4.5V to +4.5V, RL = 5kΩ
93
81
78
76
dB
MIN
VOH
RL = 10kΩ
28
67
73
79
mV
MAX
Output Voltage Swing from Rail
VOL
RL = 10kΩ
23
39
47
62
mV
MAX
Output Current (IOUT)
RL = 10kΩ
60
mA
TYP
Input Common Mode Voltage Range (VCM)
-5.1 to +3.5
V
TYP
Common Mode Rejection Ratio (CMRR)
VCM = -5.1V to +3.5V
92
75
68
66
dB
MIN
Quiescent Current (per Amplifier)
IOUT = 0A
145
276
311
332
µA
MAX
Gain-Bandwidth Product (GBP)
CL = 100pF, VCM = 0V
1.4
MHz
TYP
Gain Margin
CL = 100pF, VCM = 0V
-10
dB
TYP
Phase Margin
CL = 100pF, VCM = 0V
50
°
TYP
Channel-to-Channel Crosstalk
f = 1MHz
-80
dB
TYP
Up
VOUT = 2VPP step, CL = 100pF, AV = 1
6
V/μsTYP
Slew Rate (SR)
Down VOUT = 2VPP step, CL = 100pF, AV = 1
4
V/μsTYP
Up
VIN × Gain = VS
1.5
Overload Recovery Time (ORT)
Down VIN × Gain = VS
2.5
μs
TYP
Settling Time (tS)
CL = 100pF, AV = 1, 200mV output step
2
μs
TYP
f = 20kHz, VCM = 0V
30
Voltage Noise Density (en)
f = 1kHz, VCM = 0V
45
nV/ Hz
TYP
VOUT = 2VPP, f = 1kHz, AV = 1, RL = 600Ω
0.018
Total Harmonic Distortion + Noise
(THD+N)
VOUT = 2VPP, f = 1kHz, AV = 1, RL = 2kΩ
0.009
%
TYP


Similar Part No. - SGM8272

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8272 SGMICRO-SGM8272 Datasheet
323Kb / 17P
   Output Operational Amplifiers
More results

Similar Description - SGM8272

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8271 SGMICRO-SGM8271 Datasheet
323Kb / 17P
   Output Operational Amplifiers
SGM8951 SGMICRO-SGM8951 Datasheet
337Kb / 13P
   Output Operational Amplifiers
SGM8294 SGMICRO-SGM8294 Datasheet
340Kb / 18P
   Output Operational Amplifiers
logo
Unisonic Technologies
LV324 UTC-LV324_15 Datasheet
192Kb / 6P
   OUTPUT OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8292 SGMICRO-SGM8292 Datasheet
340Kb / 18P
   Output Operational Amplifiers
SGM8941 SGMICRO-SGM8941 Datasheet
327Kb / 12P
   Output Operational Amplifiers
SGM8942 SGMICRO-SGM8942 Datasheet
327Kb / 12P
   Output Operational Amplifiers
SGM8952 SGMICRO-SGM8952 Datasheet
337Kb / 13P
   Output Operational Amplifiers
SGM8291 SGMICRO-SGM8291 Datasheet
340Kb / 18P
   Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_15 Datasheet
451Kb / 11P
   OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com