Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8294 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8294
Description  Output Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8294 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8294 Datasheet HTML 1Page - SG Micro Corp SGM8294 Datasheet HTML 2Page - SG Micro Corp SGM8294 Datasheet HTML 3Page - SG Micro Corp SGM8294 Datasheet HTML 4Page - SG Micro Corp SGM8294 Datasheet HTML 5Page - SG Micro Corp SGM8294 Datasheet HTML 6Page - SG Micro Corp SGM8294 Datasheet HTML 7Page - SG Micro Corp SGM8294 Datasheet HTML 8Page - SG Micro Corp SGM8294 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
High Voltage Rail-to-Rail
SGM8291/2/4
Output Operational Amplifiers
3
SG Micro Corp
www.sg-micro.com
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, +VS to -VS ...................................................40V
Input Common Mode Voltage Range
………………………………............…(-VS) - 0.1V to (+VS) - 1.5V
Input/Output Voltage Range….……..(-VS) - 0.3V to (+VS) + 0.3V
Storage Temperature Range..............................-65
℃ to +150℃
Junction Temperature .......................................................150
Operating Temperature Range..........................-40
℃ to +125℃
Lead Temperature (Soldering 10sec)
...........................................................................................260
ESD Susceptibility
HBM..................................................................................4000V
MM (SGM8291/2)…............................................................150V
MM (SGM8294)……............................................................200V
NOTES:
1. Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
2. Proper power-supply sequencing is recommended for the
CMOS device. Always sequence VS on first, followed by the
inputs and outputs.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.


Similar Part No. - SGM8294

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8294 SGMICRO-SGM8294 Datasheet
340Kb / 18P
   Output Operational Amplifiers
More results

Similar Description - SGM8294

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8271 SGMICRO-SGM8271 Datasheet
323Kb / 17P
   Output Operational Amplifiers
SGM8951 SGMICRO-SGM8951 Datasheet
337Kb / 13P
   Output Operational Amplifiers
logo
Unisonic Technologies
LV324 UTC-LV324_15 Datasheet
192Kb / 6P
   OUTPUT OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8272 SGMICRO-SGM8272 Datasheet
323Kb / 17P
   Output Operational Amplifiers
SGM8292 SGMICRO-SGM8292 Datasheet
340Kb / 18P
   Output Operational Amplifiers
SGM8941 SGMICRO-SGM8941 Datasheet
327Kb / 12P
   Output Operational Amplifiers
SGM8942 SGMICRO-SGM8942 Datasheet
327Kb / 12P
   Output Operational Amplifiers
SGM8952 SGMICRO-SGM8952 Datasheet
337Kb / 13P
   Output Operational Amplifiers
SGM8291 SGMICRO-SGM8291 Datasheet
340Kb / 18P
   Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_15 Datasheet
451Kb / 11P
   OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com