Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8522 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM8522
Description  CMOS Operational Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8522 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM8522_15 Datasheet HTML 1Page - SG Micro Corp SGM8522_15 Datasheet HTML 2Page - SG Micro Corp SGM8522_15 Datasheet HTML 3Page - SG Micro Corp SGM8522_15 Datasheet HTML 4Page - SG Micro Corp SGM8522_15 Datasheet HTML 5Page - SG Micro Corp SGM8522_15 Datasheet HTML 6Page - SG Micro Corp SGM8522_15 Datasheet HTML 7Page - SG Micro Corp SGM8522_15 Datasheet HTML 8Page - SG Micro Corp SGM8522_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SGM8521/2/4
150kHz, 5.5μA, Rail-to-Rail I/O
CMOS Operational Amplifiers
PRODUCT DESCRIPTION
The SGM8521 (single), SGM8522 (dual) and SGM8524
(quad) are low cost, rail-to-rail input and output voltage
feedback amplifiers. They have a wide input common
mode voltage range and output voltage swing, and take
the minimum operating supply voltage down to 2.1V. The
maximum recommended supply voltage is 5.5V. All are
specified over the extended -40
℃ to +125℃ temperature
range.
The SGM8521/2/4 provide 150kHz bandwidth at a low
current consumption of 5.5μA per amplifier. Very low
input bias currents enable the SGM8521/2/4 to be used
for integrators, photodiode amplifiers, and piezoelectric
sensors. Rail-to-rail input and output are useful to
designers for buffering ASIC in single-supply systems.
Applications for these amplifiers include safety monitoring,
portable equipment, battery and power supply control,
and signal conditioning and interfacing for transducers in
very low power systems.
The SGM8521 single is available in Green SOT-23-5 and
SOIC-8 packages. The SGM8522 dual comes in Green
SOIC-8 and MSOP-8 packages. The SGM8524 quad is
offered in Green SOIC-14 and TSSOP-14 packages.
APPLICATIONS
ASIC Input or Output Amplifier
Sensor Interface
Piezoelectric Transducer Amplifier
Medical Instrumentation
Mobile Communication
Audio Output
Portable Systems
Smoke Detectors
Mobile Telephone
Notebook PC
PCMCIA Cards
Battery-Powered Equipment
FEATURES
 Low Cost
 Rail-to-Rail Input and Output
1mV Typical VOS
 Unity Gain Stable
 Gain-Bandwidth Product: 150kHz
 Supply Voltage Range: 2.1V to 5.5V
 Input Voltage Range:
-0.1V to +5.6V with VS = 5.5V
 Low Supply Current: 5.5μA/Amplifier
 Small Packaging
SGM8521 Available in SOIC-8 and SOT-23-5
SGM8522 Available in SOIC-8 and MSOP-8
SGM8524 Available in SOIC-14 and TSSOP-14
PIN CONFIGURATIONS (TOP VIEW)
+VS
-IN
3
4
5
1
2
-VS
+IN
SGM8521
SOT-23-5
OUT
5
6
7
8
1
2
3
4
+VS
SGM8521
SOIC-8
NC
NC = NO CONNECT
-IN
+IN
-VS
NC
NC
OUT
10
11
12
13
14
1
2
3
4
5
OUTA
-INA
+INA
-VS
+VS
-IND
+IND
SOIC-14/TSSOP-14
6
7
9
8
-INB
+INB
-INC
OUTB
OUTC
+INC
OUTD
SGM8524
OUTA
OUTB
+INB
+VS
5
6
7
8
1
2
3
4
-INA
+INA
-VS
-INB
SGM8522
SOIC-8/MSOP-8
REV. C. 2
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM8522_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8522XMS SGMICRO-SGM8522XMS Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8522XMS/TR SGMICRO-SGM8522XMS/TR Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8522XMS/TR SGMICRO-SGM8522XMS/TR Datasheet
3Mb / 16P
   CMOS Operational Amplifiers
SGM8522XS SGMICRO-SGM8522XS Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8522XS/TR SGMICRO-SGM8522XS/TR Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM8522_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com