Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7201LA80P Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7201LA80P
Description  CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7201LA80P Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7201LA80P Datasheet HTML 1Page - Integrated Device Technology IDT7201LA80P Datasheet HTML 2Page - Integrated Device Technology IDT7201LA80P Datasheet HTML 3Page - Integrated Device Technology IDT7201LA80P Datasheet HTML 4Page - Integrated Device Technology IDT7201LA80P Datasheet HTML 5Page - Integrated Device Technology IDT7201LA80P Datasheet HTML 6Page - Integrated Device Technology IDT7201LA80P Datasheet HTML 7Page - Integrated Device Technology IDT7201LA80P Datasheet HTML 8Page - Integrated Device Technology IDT7201LA80P Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
IDT7200/7201A/7202A CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
MILITARY, INDUSTRIAL AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS(1) (Continued)
(Commercial: VCC = 5V
±10%, TA = 0°C to +70°C; Industrial: VCC = 5V ±10%, TA = –40°C to +85°C; Military: VCC = 5V ±10%, TA = –55°C to +125°C)
Military
Com'l & Mil.
Military
(2)
7200 L40
7200L50
7200L65
7200L80
7200L120
7201LA40
7201LA50
7201LA65
7201LA80
7201LA120
7202LA40
7202LA50
7202LA65
7202LA80
7202LA120
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tS
Shift Frequency
20
15
12.5
10
7
MHz
tRC
Read Cycle Time
50
65
80
100
140
ns
tA
Access Time
40
50
65
80
120
ns
tRR
Read Recovery Time
10
15
15
20
20
ns
tRPW
Read Pulse Width
(3)
40
50
65
80
120
ns
tRLZ
Read Pulse Low to Data Bus at Low Z
(4)
5
10
10
10
10
ns
tWLZ
Write Pulse High to Data Bus at Low Z
(4, 5)
10
15
15
20
20
ns
tDV
Data Valid from Read Pulse High
5
5
5
5
5
ns
tRHZ
Read Pulse High to Data Bus at High Z
(4)
25
30
30
30
35
ns
tWC
Write Cycle Time
50
65
80
100
140
ns
tWPW
Write Pulse Width
(3)
40
50
65
80
120
ns
tWR
Write Recovery Time
10
15
15
20
20
ns
tDS
Data Set-up Time
20
30
30
40
40
ns
tDH
Data Hold Time
0
5
10
10
10
ns
tRSC
Reset Cycle Time
50
65
80
100
140
ns
tRS
Reset Pulse Width
(3)
40
50
65
80
120
ns
tRSS
Reset Set-up Time
(4)
40
50
65
80
120
ns
tRSR
Reset Recovery Time
10
15
15
20
20
ns
tRTC
Retransmit Cycle Time
50
65
80
100
140
ns
tRT
Retransmit Pulse Width
(3)
40
50
65
80
120
ns
tRTS
Retransmit Set-up Time
(4)
40
50
65
80
120
ns
tRTR
Retransmit Recovery Time
10
15
15
20
20
ns
tEFL
Reset to Empty Flag Low
50
65
80
100
140
ns
tHFH,FFH Reset to Half-Full and Full Flag High
50
65
80
100
140
ns
tRTF
Retransmit Low to Flags Valid
50
65
80
100
140
ns
tREF
Read Low to Empty Flag Low
30
45
60
60
60
ns
tRFF
Read High to Full Flag High
35
45
60
60
60
ns
tRPE
Read Pulse Width after
EF High
40
50
65
80
120
ns
tWEF
Write High to Empty Flag High
35
45
60
60
60
ns
tWFF
Write Low to Full Flag Low
35
45
60
60
60
ns
tWHF
Write Low to Half-Full Flag Low
50
65
80
100
140
ns
tRHF
Read High to Half-Full Flag High
50
65
80
100
140
ns
tWPF
Write Pulse Width after
FF High
40
50
65
80
120
ns
tXOL
Read/Write to
XO Low
40
50
65
80
120
ns
tXOH
Read/Write to
XO High
40
50
65
80
120
ns
tXI
XI Pulse Width(3)
40
50
65
80
120
ns
tXIR
XI Recovery Time
10
10
10
10
10
ns
tXIS
XI Set-up Time
10
15
15
15
15
ns
NOTES:
2679 tbl 07
1. Timings referenced as in AC Test Conditions
4. Values guaranteed by design, not currently tested.
2. Speed grades 65, 80 and 120 not available in the CERPACK
5. Only applies to read data flow-through mode.
3. Pulse widths less than minimum value are not allowed.


Similar Part No. - IDT7201LA80P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7201LA IDT-IDT7201LA Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
List of Unclassifed Man...
IDT7201LA ETC2-IDT7201LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results

Similar Description - IDT7201LA80P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com