Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8534 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM8534
Description  CMOS Operational Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8534 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM8534 Datasheet HTML 3Page - SG Micro Corp SGM8534 Datasheet HTML 4Page - SG Micro Corp SGM8534 Datasheet HTML 5Page - SG Micro Corp SGM8534 Datasheet HTML 6Page - SG Micro Corp SGM8534 Datasheet HTML 7Page - SG Micro Corp SGM8534 Datasheet HTML 8Page - SG Micro Corp SGM8534 Datasheet HTML 9Page - SG Micro Corp SGM8534 Datasheet HTML 10Page - SG Micro Corp SGM8534 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
500kHz, 18μA, Rail-to-Rail I/O
SGM8531/2/4
CMOS Operational Amplifiers
7
SG Micro Corp
www.sg-micro.com
APPLICATION NOTES
Driving Capacitive Loads
The SGM8531/2/4 can directly drive 250pF in unity-gain without
oscillation. The unity-gain follower (buffer) is the most sensitive
configuration to capacitive loading. Direct capacitive loading
reduces the phase margin of amplifiers and this results in
ringing or even oscillation. Applications that require greater
capacitive driving capability should use an isolation resistor
between the output and the capacitive load like the circuit in
Figure 1. The isolation resistor RISO and the load capacitor CL
form a zero to increase stability. The bigger the RISO resistor
value, the more stable VOUT will be. Note that this method
results in a loss of gain accuracy because RISO forms a voltage
divider with the RLOAD.
VIN
VOUT
SGM8531
CL
RISO
Figure 1. Indirectly Driving Heavy Capacitive Load
An improved circuit is shown in Figure 2. It provides DC
accuracy as well as AC stability. RF provides the DC accuracy
by connecting the inverting signal with the output. CF and RIso
serve to counteract the loss of phase margin by feeding the
high frequency component of the output signal back to the
amplifier’s inverting input, thereby preserving phase margin in
the overall feedback loop.
VIN
VOUT
SGM8531
CL
RISO
RL
RF
CF
Figure 2. Indirectly Driving Heavy Capacitive Load with DC
Accuracy
For non-buffer configuration, there are two other ways to
increase the phase margin: (a) by increasing the amplifier’s
gain or (b) by placing a capacitor in parallel with the feedback
resistor to counteract the parasitic capacitance associated with
inverting node.
Power-Supply Bypassing and Layout
The SGM8531/2/4 family operates from either a single +2.1V to
+5.5V supply or dual ±1.05V to ±2.75V supplies. For
single-supply operation, bypass the power supply +VS with a
0.1µF ceramic capacitor which should be placed close to the
+VS pin. For dual-supply operation, both the +VS and the -VS
supplies should be bypassed to ground with separate 0.1µF
ceramic capacitors. 2.2µF tantalum capacitor can be added for
better performance.
SGM8531
+VS
Vn
Vp
-VS
VOUT
10µF
0.1µF
10µF
0.1µF
SGM8531
Vn
Vp
+VS
-VS(GND)
VOUT
10µF
0.1µF
Figure 3. Amplifier with Bypass Capacitors


Similar Part No. - SGM8534

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8534 SGMICRO-SGM8534 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8534 SGMICRO-SGM8534 Datasheet
406Kb / 15P
   CMOS Operational Amplifiers
SGM8534XS SGMICRO-SGM8534XS Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8534XS/TR SGMICRO-SGM8534XS/TR Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8534XS14 SGMICRO-SGM8534XS14 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM8534

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com