Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8535 Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM8535
Description  Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8535 Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM8535 Datasheet HTML 6Page - SG Micro Corp SGM8535 Datasheet HTML 7Page - SG Micro Corp SGM8535 Datasheet HTML 8Page - SG Micro Corp SGM8535 Datasheet HTML 9Page - SG Micro Corp SGM8535 Datasheet HTML 10Page - SG Micro Corp SGM8535 Datasheet HTML 11Page - SG Micro Corp SGM8535 Datasheet HTML 12Page - SG Micro Corp SGM8535 Datasheet HTML 13Page - SG Micro Corp SGM8535 Datasheet HTML 14Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1.5MHz, Rail-to-Rail Output
Operational Amplifiers
10
SGM8535/6/7/8
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
SC70-5
e
e1
E1
E
D
b
A
A2
A1
L
c
θ
0.20
L1
RECOMMENDED LAND PATTERN (Unit: mm)
1.9
0.65
1.3
0.75
0.4
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
MIN
MAX
MIN
MAX
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.150
0.350
0.006
0.014
c
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
0.65 TYP
0.026 TYP
e1
1.300 BSC
0.051 BSC
L
0.525 REF
0.021 REF
L1
0.260
0.460
0.010
0.018
θ


Similar Part No. - SGM8535

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
406Kb / 15P
   CMOS Operational Amplifiers
SGM8531XN5/TR SGMICRO-SGM8531XN5/TR Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531XS SGMICRO-SGM8531XS Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531XS/TR SGMICRO-SGM8531XS/TR Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM8535

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com