Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR860F Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MUR860F
Description  Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MUR860F Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MUR860F Datasheet HTML 1Page - Bruckewell Technology LTD MUR860F Datasheet HTML 2Page - Bruckewell Technology LTD MUR860F Datasheet HTML 3Page - Bruckewell Technology LTD MUR860F Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MUR860FS
Super Fast Rectifiers
Publication Order Number: [MUR860FS]
© Bruckewell Technology Corporation Rev. A -2014
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=8A, TA=25°C
VF
--
1.3
V
Maximum reverse current
Tj=25°C
VRRM
10
uA
at working peak reverse voltage
Tj=125°C
VDC
200
uA
Reverse Recovery Time
IF = 1 A, dIF/dt = -
50 A/μs VR = 30 V
Trr
75
ns
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Value
Unit
Typical thermal resistance
Symbol
MUR860FS
°C/W
Rthja
5.0
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pu
lse test: Pulse width ≤ 40 ms
(3) Cj Measured at 1.0MHz and reverse voltage of 4.0V DC


Similar Part No. - MUR860F

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MUR860F GOOD-ARK-MUR860F Datasheet
377Kb / 8P
   Product Specification
logo
Diode Semiconductor Kor...
MUR860F DSK-MUR860F Datasheet
254Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Yangzhou yangjie electr...
MUR860F YANGJIE-MUR860F Datasheet
164Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
logo
DONGGUAN YOU FENG WEI E...
MUR860F YFWDIODE-MUR860F Datasheet
1Mb / 4P
   ULTRAFST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR860F LUGUANG-MUR860F Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
Revision:20170701-P1
More results

Similar Description - MUR860F

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com