Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8537 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8537
Description  Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8537 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8537 Datasheet HTML 1Page - SG Micro Corp SGM8537 Datasheet HTML 2Page - SG Micro Corp SGM8537 Datasheet HTML 3Page - SG Micro Corp SGM8537 Datasheet HTML 4Page - SG Micro Corp SGM8537 Datasheet HTML 5Page - SG Micro Corp SGM8537 Datasheet HTML 6Page - SG Micro Corp SGM8537 Datasheet HTML 7Page - SG Micro Corp SGM8537 Datasheet HTML 8Page - SG Micro Corp SGM8537 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1.5MHz, Rail-to-Rail Output
Operational Amplifiers
3
SGM8535/6/7/8
SG Micro Corp
www.sg-micro.com
PIN CONFIGURATIONS (TOP VIEW)
+VS
-IN
1
2
3
4
5
-VS
+IN
SOT-23-5/SC70-5
OUT
SGM8535YC5G
SGM8535AYN5G
+VS
-IN
1
2
3
4
5
-VS
+IN
SGM8535BYN5G
SOT-23-5
OUT
1
2
3
4
5
6
7
8
+VS
SGM8535/7
SOIC-8/MSOP-8
NC
NC = NO CONNECT
-IN
+IN
-VS
NC
OUT
(SGM8537 ONLY)
DISABLE
OUT A
OUT B
+INB
+VS
1
2
3
4
5
6
7
8
-INA
+INA
-VS
-INB
SGM8536
SOIC-8/MSOP-8
1
2
3
4
5
OUT A
-IN A
+IN A
-VS
+VS
-IND
+IND
SGM8538
TSSOP-14/SOIC-14
6
7
8
9
10
11
12
13
14
-INB
+INB
-INC
OUT B
OUT C
+INC
OUT D
+VS
-IN
1
2
3
4
6
-VS
+IN
SOT-23-6
OUT
SGM8537
5 DISABLE
NOTE: The location of pin 1 on the SOT-23-6 is determined by orienting the package marking as shown. 
 


Similar Part No. - SGM8537

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8537 SGMICRO-SGM8537 Datasheet
379Kb / 16P
   Operational Amplifiers
More results

Similar Description - SGM8537

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com