Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72510L50J Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72510L50J
Description  BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72510L50J Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72510L50J Datasheet HTML 7Page - Integrated Device Technology IDT72510L50J Datasheet HTML 8Page - Integrated Device Technology IDT72510L50J Datasheet HTML 9Page - Integrated Device Technology IDT72510L50J Datasheet HTML 10Page - Integrated Device Technology IDT72510L50J Datasheet HTML 11Page - Integrated Device Technology IDT72510L50J Datasheet HTML 12Page - Integrated Device Technology IDT72510L50J Datasheet HTML 13Page - Integrated Device Technology IDT72510L50J Datasheet HTML 14Page - Integrated Device Technology IDT72510L50J Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
5.31
11
IDT72510, IDT72520
BUS MATCHING BIDIRECTIONAL FIFO
COMMERCIAL TEMPERATURE RANGE
RESET COMMAND FUNCTIONS
SELECT CONFIGURATION REGISTER
COMMAND FUNCTIONS
Reset
Operands
Function
000
No Operation
001
Reset B
→A FIFO (Read, Write, and Rewrite
Pointers = 0)
010
Reset A
→B FIFO (Read, Write, and Reread
Pointers = 0)
011
Reset B
→A and A→B FIFO
100
Reset Internal DMA Request Circuitry
101
No Operation
110
No Operation
111
Reset All
Operands
Function
000
Select Configuration Register 0
001
Select Configuration Register 1
010
Select Configuration Register 2
011
Select Configuration Register 3
100
Select Configuration Register 4
101
Select Configuration Register 5
110
Select Configuration Register 6
111
Select Configuration Register 7
2669 tbl 07
Table 4. Select Configuration Register Command Functions.
DMA DIRECTION COMMAND FUNCTIONS
Operands
Function
XX0
Write B
→A FIFO
XX1
Read A
→B FIFO
2669 tbl 08
Table 5. Set DMA Direction Command Functions. Command Only
Operates in Peripheral Interface Mode
STATUS REGISTER FORMAT COMMAND
FUNCTIONS
Operands
Function
XX0
Status Register Format 0
XX1
Status Register Format 1
2669 tbl 09
Table 6. Command Functions to Set the Status Register Format
2669 tbl 06
Table 3. Reset Command Functions
STATE AFTER RESET
Hardware Reset
Software Reset
(
RS asserted)
B
→A (001)
A
→B (010)
B
→A and
A
→B (011)
Internal
Request
(100)
All (111)
Configuration Registers 0-3
0000H
0000H
Configuration Register 4
6420H
6420H
Configuration Register 5
0000H
0000H
Configuration Register 7
0000H
0000H
Status Register format
0
B
→A Read, Write, Rewrite
Pointers
00
0
0
A
→B Read, Write, Reread
Pointers
0—
0
0
0
Odd byte register valid bit
clear
clear
clear
clear
DMA direction
B
→A write
———
DMA internal request
clear
clear
clear
Parity errors
clear
2669 tbl 10
Table 7. The BiFIFO State After a Reset Command
6420H, and Configuration Registers 5 and 7 are 0000H.
Additionally, Status Register format 0 is selected, all the
pointers including the Reread and Rewrite Pointers are set to
0, the odd byte register valid bit is cleared, the DMA direction
is set to B
→A write, the internal DMA request circuitry is
cleared (set to its initial state), and all parity errors are cleared.
A software reset command can reset A
→B pointers and
the B
→A pointers to 0 independently or together. The request
(REQ) DMA circuitry can also be reset independently. A
software Reset All command resets all the pointers, the DMA
request circuitry, and sets all the Configuration Registers to
their default condition. Note that a hardware reset is NOT the
same as a software Reset All command. Table 7 shows the
BiFIFO state after the different hardware and software resets.


Similar Part No. - IDT72510L50J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72511L25G IDT-IDT72511L25G Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72511L25GB IDT-IDT72511L25GB Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72511L25J IDT-IDT72511L25J Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72511L25JB IDT-IDT72511L25JB Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
More results

Similar Description - IDT72510L50J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com