Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72521L35G Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72521L35G
Description  PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72521L35G Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72521L35G Datasheet HTML 6Page - Integrated Device Technology IDT72521L35G Datasheet HTML 7Page - Integrated Device Technology IDT72521L35G Datasheet HTML 8Page - Integrated Device Technology IDT72521L35G Datasheet HTML 9Page - Integrated Device Technology IDT72521L35G Datasheet HTML 10Page - Integrated Device Technology IDT72521L35G Datasheet HTML 11Page - Integrated Device Technology IDT72521L35G Datasheet HTML 12Page - Integrated Device Technology IDT72521L35G Datasheet HTML 13Page - Integrated Device Technology IDT72521L35G Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
5.32
10
IDT72511/IDT72521
BIDIRECTIONAL FIRST-IN FIRST-OUT MEMORY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
CONFIGURATION REGISTER FORMATS
2668 tbl 11
Table 9. Configuration Register 4 Internal Flag Assignments to
External Flag Pins
Assignment
Code
Internal Flag Assigned to Flag Pin
0000
A
→B
Empty
0001
A
→B
Almost-Empty
0010
A
→B
Full
0011
A
→B
Almost-Full
0100
B
→A
Empty
0101
B
→A
Almost-Empty
0110
B
→A
Full
0111
B
→A
Almost-Full
1000
A
→B Empty
1001
A
→B Almost-Empty
1010
A
→B Full
1011
A
→B Almost-Full
1100
B
→A Empty
1101
B
→A Almost-Empty
1110
B
→A Full
1111
B
→A Almost-Full
EXTERNAL FLAG ASSIGNMENT CODES
Programmable Flags
The IDT BiFIFO has eight internal flags. Associated with
each FIFO memory array are four internal flags, Empty,
Almost-Empty, Almost-Full and Full, for the total of eight
internal flags. The Almost-Empty and Almost-Full offsets can
be set to any depth through the Configuration Registers 0-3
(see Table 8). The flags are asserted at the depths shown in
Table 11. After a hardware reset or a software Reset All, the
almost flag offsets are set to 0. Even though the offsets are
equivalent, the Empty and Almost-Empty flags have different
timing which means that the flags are not coincident. Similarly,
the Full and Almost-Full flags are not coincident after reset
because of timing.
These eight internal flags can be assigned to any of four
external flag pins (FLGA-FLGD) through Configuration Regis-
ter 4 (see Table 9). For the specific flag timings, see Figures
20-23.
The current state of all eight flags is available in the Status
Register.
Config. Reg. 0
Config. Reg. 1
Config. Reg. 2
Config. Reg. 3
Config. Reg. 4
Config. Reg. 5
Config. Reg. 6
Config. Reg. 7
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
A
→B FIFO Almost Empty Flag Offset
A
→B FIFO Almost Full Flag Offset
B
→A FIFO Almost Empty Flag Offset
B
→A FIFO Almost Full Flag Offset
Flag D Pin Assignment
Flag C Pin Assignment
Flag B Pin Assignment
Flag A Pin Assignment
General Control
I/O Data
I/O Direction Control
15
15
15
15
15
15
15
15
10
10
10
10
9
9
9
9
12
11
8
7
4
3
0
0
0
0
0
0
0
0
2668 drw 02
2668 tbl 10
NOTE:
1.
Bit 9 of Configuration Registers 0-3 must be set to 0 on the IDT72511.
Table 8. The BiFIFO Configuration Register Formats


Similar Part No. - IDT72521L35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72520 IDT-IDT72520 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72520L25J IDT-IDT72520L25J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72520L35J IDT-IDT72520L35J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72520L50J IDT-IDT72520L50J Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results

Similar Description - IDT72521L35G

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com